Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS3PS550AG-08CR Datasheet(PDF) 3 Page - ON Semiconductor

Part # PCS3PS550AG-08CR
Description  General Purpose Peak EMI Reduction IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCS3PS550AG-08CR Datasheet(HTML) 3 Page - ON Semiconductor

  PCS3PS550AG-08CR Datasheet HTML 1Page - ON Semiconductor PCS3PS550AG-08CR Datasheet HTML 2Page - ON Semiconductor PCS3PS550AG-08CR Datasheet HTML 3Page - ON Semiconductor PCS3PS550AG-08CR Datasheet HTML 4Page - ON Semiconductor PCS3PS550AG-08CR Datasheet HTML 5Page - ON Semiconductor PCS3PS550AG-08CR Datasheet HTML 6Page - ON Semiconductor PCS3PS550AG-08CR Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PCS3PS550A
www.onsemi.com
3
Table 2. FREQUENCY DEVIATION SELECTION TABLE
SR2
SR1
SR0
Spreading Range
(
$%) (@ 24 MHz)
0
0
0
1
0
0
1
2.5
0
1
0
1.25
0
1
1
1.5
1
0
0
0.4
1
0
1
0.75
1
1
0
1.75
1
1
1
2
Table 3. OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VDD
Supply Voltage with respect to VSS
2.3
3.6
V
TA
Operating temperature
−20
+85
°C
CL
Load Capacitance
15
pF
CIN
Input Capacitance
7
pF
Table 4. ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any input pin with respect to VSS
−0.5 to +4.6
V
TSTG
Storage temperature
−65 to +125
°C
TA
Operating temperature
−40 to +85
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage (As per JEDEC STD22−A114−B)
2
kV
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device
functionality should not be assumed, damage may occur and reliability may be affected.


Similar Part No. - PCS3PS550AG-08CR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCS3PS550AG-08CR ONSEMI-PCS3PS550AG-08CR Datasheet
126Kb / 7P
   General Purpose Peak EMI Reduction IC
July, 2010 ??Rev. 1
More results

Similar Description - PCS3PS550AG-08CR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCS3P8103A ONSEMI-PCS3P8103A Datasheet
138Kb / 7P
   General Purpose Peak EMI Reduction IC
APRIL 2010 ??Rev. 2
PCS3PS550A ONSEMI-PCS3PS550A Datasheet
126Kb / 7P
   General Purpose Peak EMI Reduction IC
July, 2010 ??Rev. 1
PCS3P8504A ONSEMI-PCS3P8504A_17 Datasheet
77Kb / 6P
   General Purpose Peak EMI Reduction IC
June, 2017 ??Rev. 4
PCS3P2005A ONSEMI-PCS3P2005A Datasheet
124Kb / 7P
   General Purpose Peak EMI Reduction IC
August, 2011 ??Rev. P2
PCS3P7303A ONSEMI-PCS3P7303A Datasheet
188Kb / 10P
   General Purpose Peak EMI Reduction IC
JANUARY 2010 ??Rev. 2
PCS3P8504A ONSEMI-PCS3P8504A Datasheet
159Kb / 6P
   General Purpose Peak EMI Reduction IC
July, 2010 -- Rev. 1
PCS3P7303 ONSEMI-PCS3P7303 Datasheet
188Kb / 10P
   General Purpose Peak EMI Reduction IC
November 2010 ??Rev. 3
PCS3P7303A ONSEMI-PCS3P7303A_14 Datasheet
162Kb / 9P
   General Purpose Peak EMI Reduction IC
October, 2014 ??Rev. 0
P3P8203A ONSEMI-P3P8203A Datasheet
116Kb / 6P
   General Purpose Peak EMI Reduction IC
August, 2012 ??Rev. 0
P3I2005A ONSEMI-P3I2005A Datasheet
117Kb / 6P
   General Purpose Peak EMI Reduction IC
June, 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com