Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5409YI50 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT5409YI50
Description  Quad Digital Potentiometer (POT)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5409YI50 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT5409YI50 Datasheet HTML 1Page - ON Semiconductor CAT5409YI50 Datasheet HTML 2Page - ON Semiconductor CAT5409YI50 Datasheet HTML 3Page - ON Semiconductor CAT5409YI50 Datasheet HTML 4Page - ON Semiconductor CAT5409YI50 Datasheet HTML 5Page - ON Semiconductor CAT5409YI50 Datasheet HTML 6Page - ON Semiconductor CAT5409YI50 Datasheet HTML 7Page - ON Semiconductor CAT5409YI50 Datasheet HTML 8Page - ON Semiconductor CAT5409YI50 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CAT5409
http://onsemi.com
3
PIN DESCRIPTIONS
Table 1. PIN DESCRIPTIONS
Pin#
(TSSOP)
Pin#
(SOIC)
Name
Function
19
1
VCC
Supply Voltage
20
2
RL0
Low Reference Terminal
for Potentiometer 0
21
3
RH0
High Reference Terminal
for Potentiometer 0
22
4
RW0
Wiper Terminal for
Potentiometer 0
23
5
A2
Device Address
24
6
WP
Write Protection
1
7
SDA
Serial Data Input/Output
2
8
A1
Device Address
3
9
RL1
Low Reference Terminal
for Potentiometer 1
4
10
RH1
High Reference Terminal
for Potentiometer 1
5
11
RW1
Wiper Terminal for
Potentiometer 1
6
12
GND
Ground
7
13
NC
No Connect
8
14
RW2
Wiper Terminal for
Potentiometer 2
9
15
RH2
High Reference Terminal
for Potentiometer 2
10
16
RL2
Low Reference Terminal
for Potentiometer 2
11
17
SCL
Bus Serial Clock
12
18
A3
Device Address
13
19
NC
No Connect
14
20
A0
Device Address, LSB
15
21
RW3
Wiper Terminal for
Potentiometer 3
16
22
RH3
High Reference Terminal
for Potentiometer 3
17
23
RL3
Low Reference Terminal
for Potentiometer 3
18
24
NC
No Connect
SCL: Serial Clock
The CAT5409 serial clock input pin is used to clock all
data transfers into or out of the device.
SDA: Serial Data
The CAT5409 bidirectional serial data pin is used to
transfer data into and out of the device. The SDA pin is an
open drain output and can be wire-Ored with the other open
drain or open collector outputs.
A0, A1, A2, A3: Device Address Inputs
These inputs set the device address when addressing
multiple devices. A total of sixteen devices can be addressed
on a single bus. A match in the slave address must be made
with the address input in order to initiate communication
with the CAT5409.
RH, RL: Resistor End Points
The four sets of RH and RL pins are equivalent to the
terminal connections on a mechanical potentiometer.
RW: Wiper
The four RW pins are equivalent to the wiper terminal of
a mechanical potentiometer.
WP: Write Protect Input
The WP pin when tied low prevents non-volatile writes to
the data registers (change of wiper control register is
allowed) and when tied high or left floating normal
read/write operations are allowed. See Write Protection on
page 8 for more details.
DEVICE OPERATION
The CAT5409 is four resistor arrays integrated with I2C
serial interface logic, four 6-bit wiper control registers and
sixteen 6-bit, non-volatile memory data registers. Each
resistor array contains 63 separate resistive elements
connected in series. The physical ends of each array are
equivalent to the fixed terminals of a mechanical
potentiometer (RH and RL). RH and RL are symmetrical and
may be interchanged. The tap positions between and at the
ends of the series resistors are connected to the output wiper
terminals (RW) by a CMOS transistor switch. Only one tap
point for each potentiometer is connected to its wiper
terminal at a time and is determined by the value of the wiper
control register. Data can be read or written to the wiper
control registers or the non-volatile memory data registers
via the I2C bus. Additional instructions allows data to be
transferred between the wiper control registers and each
respective potentiometer’s non-volatile data registers. Also,
the device can be instructed to operate in an “increment/
decrement” mode.


Similar Part No. - CAT5409YI50

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5409YI50 ONSEMI-CAT5409YI50 Datasheet
252Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2010 Rev. M
More results

Similar Description - CAT5409YI50

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5401 ONSEMI-CAT5401_13 Datasheet
208Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5259 ONSEMI-CAT5259_13 Datasheet
211Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5241 ONSEMI-CAT5241_13 Datasheet
207Kb / 16P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 20
CAT5251 ONSEMI-CAT5251_13 Datasheet
207Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 9
CAT5269 ONSEMI-CAT5269_13 Datasheet
212Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 7
CAT5411 ONSEMI-CAT5411_13 Datasheet
207Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 13
CAT5221 ONSEMI-CAT5221_13 Datasheet
211Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
CAT5261 ONSEMI-CAT5261_13 Datasheet
209Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 8
CAT5419 ONSEMI-CAT5419_13 Datasheet
207Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5114 ONSEMI-CAT5114_13 Datasheet
210Kb / 15P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com