Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5241WI10 Datasheet(PDF) 11 Page - ON Semiconductor

Part # CAT5241WI10
Description  Quad Digital Potentiometer (POT)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5241WI10 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CAT5241WI10 Datasheet HTML 7Page - ON Semiconductor CAT5241WI10 Datasheet HTML 8Page - ON Semiconductor CAT5241WI10 Datasheet HTML 9Page - ON Semiconductor CAT5241WI10 Datasheet HTML 10Page - ON Semiconductor CAT5241WI10 Datasheet HTML 11Page - ON Semiconductor CAT5241WI10 Datasheet HTML 12Page - ON Semiconductor CAT5241WI10 Datasheet HTML 13Page - ON Semiconductor CAT5241WI10 Datasheet HTML 14Page - ON Semiconductor CAT5241WI10 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CAT5241
http://onsemi.com
11
The basic sequence of the three byte instructions is
illustrated in Figure 11. These three-byte instructions
exchange data between the WCR and one of the Data
Registers. The WCR controls the position of the wiper. The
response of the wiper to this action will be delayed by tWRL.
A transfer from the WCR (current wiper position), to a Data
Register is a write to non-volatile memory and takes a
maximum of tWR to complete. The transfer can occur
between one of the four potentiometers and one of its
associated registers; or the transfer can occur between all
potentiometers and one associated register.
Four instructions require a two-byte sequence to
complete, as illustrated in Figure 10. These instructions
transfer data between the host/processor and the CAT5241;
either between the host and one of the data registers or
directly between the host and the Wiper Control Register.
These instructions are:
XFR Data Register to Wiper Control Register
This transfers the contents of one specified Data
Register to the associated Wiper Control Register.
XFR Wiper Control Register to Data Register
This transfers the contents of the specified Wiper
Control Register to the specified associated Data
Register.
Global XFR Data Register to Wiper Control
Register
This transfers the contents of all specified Data Registers
to the associated Wiper Control Registers.
Global XFR Wiper Counter Register to Data
Register
This transfers the contents of all Wiper Control Registers
to the specified associated Data Registers.
Increment/Decrement Command
The final command is Increment/Decrement (Figures 6
and 12). The Increment/Decrement command is different
from the other commands. Once the command is issued and
the CAT5241 has responded with an acknowledge, the
master can clock the selected wiper up and/or down in one
segment steps; thereby providing a fine tuning capability to
the host. For each SCL clock pulse (tHIGH) while SDA is
HIGH, the selected wiper will move one resistor segment
towards the RH terminal. Similarly, for each SCL clock
pulse while SDA is LOW, the selected wiper will move one
resistor segment towards the RL terminal.
See Instructions format for more detail.
Figure 10. Two-Byte Instruction Sequence
S
T
A
R
T
01
0
1
A2
A0 A
C
K
I2 I1 I0 P1 P0
A
C
K
SDA
S
T
O
P
ID3
ID1 ID0
R0
Device ID
Internal
Instruction
Opcode
Address
Register
Address
Pot/WCR
Address
A1
A3
I3
R1
Figure 11. Three-Byte Instruction Sequence
I3
I2 I1 I0 P1 P0
ID3 ID2 ID1 ID0
Device ID
Internal
Instruction
Opcode
Address
Data
Register
Address
Pot/WCR
Address
WCR[7:0]
or
Data Register D[7:0]
S
T
A
R
T
01
0
1
A2 A1 A0 A
C
K
R1 R0 A
C
K
SDA
S
T
O
P
A
C
K
D7 D6 D5 D4 D3 D2 D1 D0
A3
Figure 12. Increment/Decrement Instruction Sequence
I3
I2 I1 I0
ID3 ID2 ID1 ID0
Device ID
Internal
Instruction
Opcode
Address
Data
Register
Address
Pot/WCR
Address
S
T
A
R
T
0101
A2 A1 A0 A
C
K
P0 R1 R0 A
C
K
SDA
S
T
O
P
I
N
C
1
I
N
C
2
I
N
C
n
D
E
C
1
D
E
C
n
P1
A3
ID2


Similar Part No. - CAT5241WI10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5241WI10 ONSEMI-CAT5241WI10 Datasheet
250Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
Doc. No. MD-2011 Rev. R
More results

Similar Description - CAT5241WI10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5401 ONSEMI-CAT5401_13 Datasheet
208Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5259 ONSEMI-CAT5259_13 Datasheet
211Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5409 ONSEMI-CAT5409_13 Datasheet
215Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 15
CAT5251 ONSEMI-CAT5251_13 Datasheet
207Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 9
CAT5269 ONSEMI-CAT5269_13 Datasheet
212Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 7
CAT5411 ONSEMI-CAT5411_13 Datasheet
207Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 13
CAT5221 ONSEMI-CAT5221_13 Datasheet
211Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
CAT5261 ONSEMI-CAT5261_13 Datasheet
209Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 8
CAT5419 ONSEMI-CAT5419_13 Datasheet
207Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5114 ONSEMI-CAT5114_13 Datasheet
210Kb / 15P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com