Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5411 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CAT5411
Description  Dual Digital Potentiometer (POT)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5411 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CAT5411_13 Datasheet HTML 5Page - ON Semiconductor CAT5411_13 Datasheet HTML 6Page - ON Semiconductor CAT5411_13 Datasheet HTML 7Page - ON Semiconductor CAT5411_13 Datasheet HTML 8Page - ON Semiconductor CAT5411_13 Datasheet HTML 9Page - ON Semiconductor CAT5411_13 Datasheet HTML 10Page - ON Semiconductor CAT5411_13 Datasheet HTML 11Page - ON Semiconductor CAT5411_13 Datasheet HTML 12Page - ON Semiconductor CAT5411_13 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CAT5411
http://onsemi.com
9
The Wiper Control Register is a volatile register that loses
its contents when the CAT5411 is powered-down. Although
the register is automatically loaded with the value in DR0
upon power-up, this may be different from the value present
at power-down.
Data Registers (DR)
Each potentiometer has four 6-bit non-volatile Data
Registers. These can be read or written directly by the host.
Data can also be transferred between any of the four Data
Registers and the associated Wiper Control Register. Any
data changes in one of the Data Registers is a non-volatile
operation and will take a maximum of 5 ms.
Write in Process
The contents of the Data Registers are saved to
nonvolatile memory when the CS input goes HIGH after a
write sequence is received. The status of the internal write
cycle can be monitored by issuing a Read Status command
to read the Write in Process (WIP) bit.
INSTRUCTIONS
Four of the ten instructions are three bytes in length. These
instructions are:
Read Wiper Control Register – read the current wiper
position of the selected potentiometer in the WCR
Write Wiper Control Register – change current wiper
position in the WCR of the selected potentiometer
Read Data Register – read the contents of the selected
Data Register
Write Data Register – write a new value to the
selected Data Register
Read Status – Read the status of the WIP bit which
when set to “1” signifies a write cycle is in progress.
Table 12. INSTRUCTION SET (Note: 1/0 = data is one or zero)
Instruction
Instruction Set
Operations
I3
I2
I1
I0
R1
R0
0
WCR0/ P0
Read Wiper Control Register
1
0
0
1
0
0
0
1/0
Read the contents of the Wiper Control
Register pointed to by P0
Write Wiper Control Register
1
0
1
0
0
0
0
1/0
Write new value to the Wiper Control Register
pointed to by P0
Read Data Register
1
0
1
1
1/0
1/0
0
1/0
Read the contents of the Data Register pointed
to by P0 and R1−R0
Write Data Register
1
1
0
0
1/0
1/0
0
1/0
Write new value to the Data Register pointed
to by P0 and R1−R0
XFR Data Register to Wiper
Control Register
1
1
0
1
1/0
1/0
0
1/0
Transfer the contents of the Data Register
pointed to by P0 and R1−R0 to its associated
Wiper Control Register
XFR Wiper Control Register
to Data Register
1
1
1
0
1/0
1/0
0
1/0
Transfer the contents of the Wiper Control
Register pointed to by P0 to the Data Register
pointed to by R1−R0
Global XFR Data Registers
to Wiper Control Registers
0
0
0
1
1/0
1/0
0
0
Transfer the contents of the Data Registers
pointed to by R1−R0 of all four pots to their
respective Wiper Control Registers
Global XFR Wiper Control
Registers to Data Register
1
0
0
0
1/0
1/0
0
0
Transfer the contents of both Wiper Control
Registers to their respective data Registers
pointed to by R1−R0 of all four pots
Increment/Decrement
Wiper Control Register
0
0
1
0
0
0
0
1/0
Enable Increment/decrement of the Control
Latch pointed to by P0
Read Status
0
1
0
1
0
0
0
1
Read WIP bit to check internal write cycle
status
The basic sequence of the three byte instructions is
illustrated in Figure 8. These three-byte instructions
exchange data between the WCR and one of the Data
Registers. The WCR controls the position of the wiper. The
response of the wiper to this action will be delayed by tWRL.
A transfer from the WCR (current wiper position), to a Data
Register is a write to non-volatile memory and takes a
minimum of tWR to complete. The transfer can occur
between one of the four potentiometers and one of its
associated registers; or the transfer can occur between all
potentiometers and one associated register.
Four instructions require a two-byte sequence to
complete, as illustrated in Figure 7. These instructions
transfer data between the host/processor and the CAT5411;
either between the host and one of the data registers or
directly between the host and the Wiper Control Register.
These instructions are:


Similar Part No. - CAT5411_13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5411BI-00-TE13 CATALYST-CAT5411BI-00-TE13 Datasheet
93Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and SPI Interface
CAT5411BI-10-TE13 CATALYST-CAT5411BI-10-TE13 Datasheet
93Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and SPI Interface
CAT5411BI-25-TE13 CATALYST-CAT5411BI-25-TE13 Datasheet
93Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and SPI Interface
CAT5411BI-50-TE13 CATALYST-CAT5411BI-50-TE13 Datasheet
93Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and SPI Interface
CAT5411JI-00-TE13 CATALYST-CAT5411JI-00-TE13 Datasheet
93Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and SPI Interface
More results

Similar Description - CAT5411_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5269 ONSEMI-CAT5269_13 Datasheet
212Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 7
CAT5221 ONSEMI-CAT5221_13 Datasheet
211Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 14
CAT5261 ONSEMI-CAT5261_13 Datasheet
209Kb / 14P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 8
CAT5419 ONSEMI-CAT5419_13 Datasheet
207Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5401 ONSEMI-CAT5401_13 Datasheet
208Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5259 ONSEMI-CAT5259_13 Datasheet
211Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
CAT5409 ONSEMI-CAT5409_13 Datasheet
215Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 15
CAT5241 ONSEMI-CAT5241_13 Datasheet
207Kb / 16P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 20
CAT5251 ONSEMI-CAT5251_13 Datasheet
207Kb / 15P
   Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 9
CAT5114 ONSEMI-CAT5114_13 Datasheet
210Kb / 15P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com