Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5127ZI-50-GT3 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CAT5127ZI-50-GT3
Description  32?릘ap Digital Potentiometers (POTs)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5127ZI-50-GT3 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT5127ZI-50-GT3 Datasheet HTML 2Page - ON Semiconductor CAT5127ZI-50-GT3 Datasheet HTML 3Page - ON Semiconductor CAT5127ZI-50-GT3 Datasheet HTML 4Page - ON Semiconductor CAT5127ZI-50-GT3 Datasheet HTML 5Page - ON Semiconductor CAT5127ZI-50-GT3 Datasheet HTML 6Page - ON Semiconductor CAT5127ZI-50-GT3 Datasheet HTML 7Page - ON Semiconductor CAT5127ZI-50-GT3 Datasheet HTML 8Page - ON Semiconductor CAT5127ZI-50-GT3 Datasheet HTML 9Page - ON Semiconductor CAT5127ZI-50-GT3 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CAT5127, CAT5129
http://onsemi.com
6
Table 7. AC TEST CONDITIONS
VCC Range
2.5 V  VCC  5.5 V
Input Pulse Levels
0.2 x VCC to 0.7 x VCC
Input Rise and Fall Times
10 ns
Input Reference Levels
0.5 x VCC
Table 8. AC OPERATING CHARACTERISTICS (VCC = +2.5 V to +5.5 V, VH = VCC, VL = 0 V, unless otherwise specified)
Symbol
Parameter
Min
Typ (Note 7)
Max
Units
tCI
CS to INC Setup
100
ns
tDI
U/D to INC Setup
50
ns
tID
U/D to INC Hold
100
ns
tIL
INC LOW Period
250
ns
tIH
INC HIGH Period
250
ns
tIC
INC Inactive to CS Inactive
1
ms
tCPH
CS Deselect Time (NO STORE)
100
ns
tCPH
CS Deselect Time (STORE)
10
ms
tIR
INC to RH Change
1
5
ms
tCYC
INC Cycle Time
1
ms
tR, tF (Note 8)
INC Input Rise and Fall Time
500
ms
tPU (Note 8)
Power-up to Wiper Stable
1
ms
tWR
Store Cycle
2
5
ms
90%
90%
10%
(store)
Figure 3. A.C. Timing
RH
U/D
INC
CS
tCI
tIR
tF
tR
MI (Note 9)
tCPH
tIC
tID
tDI
tCYC
tIH
tIL
7. Typical values are for TA = 25C and nominal supply voltage.
8. This parameter is periodically sampled and not 100% tested.
9. MI in the A.C. Timing diagram refers to the minimum incremental change in the W output due to a change in the wiper position.


Similar Part No. - CAT5127ZI-50-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5127ZI-50-GT3 CATALYST-CAT5127ZI-50-GT3 Datasheet
494Kb / 12P
   32-Tap Digitally Programmable Potentiometer (DPP TM)
CAT5127ZI-50-GT3 CATALYST-CAT5127ZI-50-GT3 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5127ZI-50-GT3 CATALYST-CAT5127ZI-50-GT3 Datasheet
232Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5127ZI-50-GT3 ONSEMI-CAT5127ZI-50-GT3 Datasheet
154Kb / 13P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2127 Rev. D
CAT5127ZI-50-GT3 ONSEMI-CAT5127ZI-50-GT3 Datasheet
638Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2127 Rev. E
More results

Similar Description - CAT5127ZI-50-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5124 ONSEMI-CAT5124_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5110 ONSEMI-CAT5110_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5119 ONSEMI-CAT5119_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5125 ONSEMI-CAT5125_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5123 ONSEMI-CAT5123_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5118 ONSEMI-CAT5118_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
N57L5125 ONSEMI-N57L5125 Datasheet
83Kb / 8P
   32?릘ap Digital Potentiometers (POTs)
August, 2016 ??Rev. P0
CAT5121 ONSEMI-CAT5121_13 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
CAT5122 ONSEMI-CAT5122_13 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
CAT5120 ONSEMI-CAT5120_13 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com