Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5127ZI-10-GT3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT5127ZI-10-GT3
Description  32?릘ap Digital Potentiometers (POTs)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5127ZI-10-GT3 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT5127ZI-10-GT3 Datasheet HTML 1Page - ON Semiconductor CAT5127ZI-10-GT3 Datasheet HTML 2Page - ON Semiconductor CAT5127ZI-10-GT3 Datasheet HTML 3Page - ON Semiconductor CAT5127ZI-10-GT3 Datasheet HTML 4Page - ON Semiconductor CAT5127ZI-10-GT3 Datasheet HTML 5Page - ON Semiconductor CAT5127ZI-10-GT3 Datasheet HTML 6Page - ON Semiconductor CAT5127ZI-10-GT3 Datasheet HTML 7Page - ON Semiconductor CAT5127ZI-10-GT3 Datasheet HTML 8Page - ON Semiconductor CAT5127ZI-10-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
 Semiconductor Components Industries, LLC, 2013
July, 2013 − Rev. 7
1
Publication Order Number:
CAT5127/D
CAT5127, CAT5129
32‐tap Digital
Potentiometers (POTs)
Description
The CAT5127/CAT5129 are single digital POTs designed as an
electronic replacement for mechanical potentiometers and trim pots.
Ideal for automated adjustments on high volume production lines, they
are also well suited for applications where equipment requiring
periodic adjustment is either difficult to access or located in a hazardous
or remote environment.
The CAT5127 contains a 32-tap series resistor array connected
between two terminals RH and RL. The CAT5129 contains a 32-tap
series resistor array connected between two terminals RH and GND.
An up/down counter and decoder that are controlled by three input
pins, determines which tap is connected to the wiper. The wiper
setting, stored in nonvolatile memory, is not lost when the device is
powered down and is automatically reinstated when power is returned.
The wiper can be adjusted to test new system values without effecting
the stored setting. Wiper-control of the CAT5127/CAT5129 is
accomplished with three input control pins, CS, U/D, and INC. The
INC input increments the wiper in the direction which is determined
by the logic state of the U/D input. The CS input is used to select the
device and also store the wiper position prior to power down.
The devices are used as two-terminal variable resistors. Digital
POTs bring variability and programmability to a wide variety of
applications including control, parameter adjustments, and signal
processing.
Features
32-position Linear Taper Potentiometer
Non-volatile EEPROM Wiper Storage
Low Standby Current
Single Supply Operation: 2.5 V – 5.5 V
Increment Up/Down Serial Interface
Resistance Values: 10 kW, 50 kW and 100 kW
CAT5127 in MSOP Packages
CAT5129 in the 6-lead TSOT23 Package
This Device is Pb-Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
Automated Product Calibration
Remote Control Adjustments
Offset, Gain and Zero Control
Tamper-proof Calibrations
Contrast, Brightness and Volume Controls
Motor Controls and Feedback Systems
Programmable Analog Functions
http://onsemi.com
PIN CONFIGURATIONS
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
MSOP−8
Z SUFFIX
CASE 846AD
TSOT−23
TD SUFFIX
CASE 419AF
(Top Views)
CAT5129
VCC
RH
INC
U/D
GND
CS
VCC
CS
RL
NC
INC
U/D
RH
GND
1
1
MSOP (Z)
TSOT−23 (TD)
1
1
CAT5127


Similar Part No. - CAT5127ZI-10-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5127ZI-10-GT3 CATALYST-CAT5127ZI-10-GT3 Datasheet
494Kb / 12P
   32-Tap Digitally Programmable Potentiometer (DPP TM)
CAT5127ZI-10-GT3 CATALYST-CAT5127ZI-10-GT3 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5127ZI-10-GT3 CATALYST-CAT5127ZI-10-GT3 Datasheet
232Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5127ZI-10-GT3 ONSEMI-CAT5127ZI-10-GT3 Datasheet
154Kb / 13P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2127 Rev. D
CAT5127ZI-10-GT3 ONSEMI-CAT5127ZI-10-GT3 Datasheet
638Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2127 Rev. E
More results

Similar Description - CAT5127ZI-10-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5124 ONSEMI-CAT5124_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5110 ONSEMI-CAT5110_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5119 ONSEMI-CAT5119_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5125 ONSEMI-CAT5125_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5123 ONSEMI-CAT5123_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5118 ONSEMI-CAT5118_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
N57L5125 ONSEMI-N57L5125 Datasheet
83Kb / 8P
   32?릘ap Digital Potentiometers (POTs)
August, 2016 ??Rev. P0
CAT5121 ONSEMI-CAT5121_13 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
CAT5122 ONSEMI-CAT5122_13 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
CAT5120 ONSEMI-CAT5120_13 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com