Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5118TBI-00GT3 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CAT5118TBI-00GT3
Description  32?릘ap Digital Potentiometers (POTs)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5118TBI-00GT3 Datasheet(HTML) 5 Page - ON Semiconductor

  CAT5118TBI-00GT3 Datasheet HTML 1Page - ON Semiconductor CAT5118TBI-00GT3 Datasheet HTML 2Page - ON Semiconductor CAT5118TBI-00GT3 Datasheet HTML 3Page - ON Semiconductor CAT5118TBI-00GT3 Datasheet HTML 4Page - ON Semiconductor CAT5118TBI-00GT3 Datasheet HTML 5Page - ON Semiconductor CAT5118TBI-00GT3 Datasheet HTML 6Page - ON Semiconductor CAT5118TBI-00GT3 Datasheet HTML 7Page - ON Semiconductor CAT5118TBI-00GT3 Datasheet HTML 8Page - ON Semiconductor CAT5118TBI-00GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CAT5110, CAT5118, CAT5119, CAT5123, CAT5124, CAT5125
http://onsemi.com
5
FUNCTIONAL DESCRIPTION
The CAT5110/5118/5119/5123/5124/5125 consist of a
fixed resistor and a wiper contact with 32−tap points that are
digitally controlled through a 2-wire up/down serial
interface. Three end-to-end resistance values are available:
10 k
W, 50 kW and 100 kW.
The CAT5110/5125 is designed to operate as a
potentiometer. In this configuration, the low terminal of the
resistor array is connected to ground (pin 2).
The CAT5118/5123 performs as a variable resistor. In this
device, the wiper terminal and high terminal of the resistor
array are connected at pin 5. The CAT5119/5124 is a similar
variable resistor, except the low terminal is connected to
pin 5.
Digital Interface Operation
The devices have two modes of operation when the serial
interface is active: increment and decrement mode. The
serial interface is only active when CS is low.
The CS and U/D inputs control the position of the wiper
along the resistor array. When CS transitions from high to
low, the part will go into increment mode if U/D input is
high, and into decrement mode when U/D input is low. Once
the mode is set, the device will remain in that mode until CS
goes high again. A low-to-high transition at the U/D pin will
increment or decrement the wiper position depending on the
current mode (Figures 7 and 8).
When the CS input transitions to high (serial interface
inactive), the value of the counter is stored and the wiper
position is maintained.
Note that when the wiper reaches the maximum (or
minimum) tap position, the wiper will not wrap around to the
minimum (or maximum) position.
Power-On Reset
All parts in this family feature power-on reset (POR)
circuitry that sets the wiper position to midscale at
power-up. By default, the chip is in the increment mode.
Figure 7. Serial Interface Timing Diagram, Increment Mode
W
U/D
CS
tCU
tCI
tIL
tIH
tSETTLE
tSETTLE
tIC
Note: “W” is not a digital signal. It represents wiper transitions.
Figure 8. Serial Interface Timing Diagram, Decrement Mode
W
Note: “W” is not a digital signal. It represents wiper transitions.
tSETTLE
tCI
tCU
U/D
CS
tIH
tIL
tSETTLE
tIC


Similar Part No. - CAT5118TBI-00GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5118TBI-00GT3 CATALYST-CAT5118TBI-00GT3 Datasheet
295Kb / 15P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5118TBI-00GT3 ONSEMI-CAT5118TBI-00GT3 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5118TBI-00GT3 ONSEMI-CAT5118TBI-00GT3 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5118TBI-00GT3 ONSEMI-CAT5118TBI-00GT3 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5118TBI-00GT3 ONSEMI-CAT5118TBI-00GT3 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
More results

Similar Description - CAT5118TBI-00GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5124 ONSEMI-CAT5124_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5119 ONSEMI-CAT5119_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5125 ONSEMI-CAT5125_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5127 ONSEMI-CAT5127_13 Datasheet
173Kb / 10P
   32?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 7
CAT5123 ONSEMI-CAT5123_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5118 ONSEMI-CAT5118_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
N57L5125 ONSEMI-N57L5125 Datasheet
83Kb / 8P
   32?릘ap Digital Potentiometers (POTs)
August, 2016 ??Rev. P0
CAT5121 ONSEMI-CAT5121_13 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
CAT5122 ONSEMI-CAT5122_13 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
CAT5120 ONSEMI-CAT5120_13 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com