Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5127 Datasheet(PDF) 7 Page - ON Semiconductor

Part # CAT5127
Description  32?릘ap Digital Potentiometers (POTs)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5127 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button CAT5127_13 Datasheet HTML 2Page - ON Semiconductor CAT5127_13 Datasheet HTML 3Page - ON Semiconductor CAT5127_13 Datasheet HTML 4Page - ON Semiconductor CAT5127_13 Datasheet HTML 5Page - ON Semiconductor CAT5127_13 Datasheet HTML 6Page - ON Semiconductor CAT5127_13 Datasheet HTML 7Page - ON Semiconductor CAT5127_13 Datasheet HTML 8Page - ON Semiconductor CAT5127_13 Datasheet HTML 9Page - ON Semiconductor CAT5127_13 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CAT5127, CAT5129
http://onsemi.com
7
APPLICATION INFORMATION
(a) resistive divider
(b) variable resistance
(c) two−port
Figure 4. Potentiometer Configurations
Applications
+
+
+
(−)
(+)
+2.5 V
10
1
2
3
4
5
6
7
8
9
11
+5 V
555
+5 V
0.01 mF
8
3
5
4
6
21
}
}
7
C
0.01 mF
0.003 mF
CAT5127
CAT5127
3
6
CAT5127
+5 V
2
8
1
7
4
CAT5127
6
3
10 k
820
11 kW
6.8 mF
GND
SD
1 mF
2952
FB
1.23 V
100 kW
0.1 mF
+
+
+5 V
+5 V
pR (1−p)R
2
2
7
7
4
4
3
3
+2.5 V
A1
6
6
A2
1 M
330
330
6
3
LT1097
+5 V
2
8
1
7
4
+5 V
2
8
1
7
4
+5 V
2
8
1
7
4
Figure 5. Programmable Instrumentation Amplifier
Figure 6. Programmable Sq. Wave Oscillator (555)
Figure 7. Programmable Voltage Regulator
Figure 8. Programmable I to V Convertor
A1 = A2 = A3 = 1/4 LM 6064
R2 = R3 = R4 = 5 kW
RPOT = 10 kW
R4
R3
A2
R4
R3
VO
A3
R2
R2
R1
V2
V1
A1
R3
R2
VOUT
R1
VO(REG)
VIN(UNREG)
SHUTDOWN
pRPOT
(1−p)RPOT
R2
R1
RA
RB
VO
IS


Similar Part No. - CAT5127_13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5127TDI-00-GT3 CATALYST-CAT5127TDI-00-GT3 Datasheet
494Kb / 12P
   32-Tap Digitally Programmable Potentiometer (DPP TM)
CAT5127TDI-00-GT3 CATALYST-CAT5127TDI-00-GT3 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5127TDI-00-T3 CATALYST-CAT5127TDI-00-T3 Datasheet
494Kb / 12P
   32-Tap Digitally Programmable Potentiometer (DPP TM)
CAT5127TDI-00-T3 CATALYST-CAT5127TDI-00-T3 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5127TDI-10-GT3 CATALYST-CAT5127TDI-10-GT3 Datasheet
494Kb / 12P
   32-Tap Digitally Programmable Potentiometer (DPP TM)
More results

Similar Description - CAT5127_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5124 ONSEMI-CAT5124_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5110 ONSEMI-CAT5110_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5119 ONSEMI-CAT5119_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5125 ONSEMI-CAT5125_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5123 ONSEMI-CAT5123_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5118 ONSEMI-CAT5118_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
N57L5125 ONSEMI-N57L5125 Datasheet
83Kb / 8P
   32?릘ap Digital Potentiometers (POTs)
August, 2016 ??Rev. P0
CAT5121 ONSEMI-CAT5121_13 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
CAT5122 ONSEMI-CAT5122_13 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
CAT5120 ONSEMI-CAT5120_13 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com