Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5122SDI-10GT3 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CAT5122SDI-10GT3
Description  16?릘ap Digital Potentiometers (POTs)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5122SDI-10GT3 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CAT5122SDI-10GT3 Datasheet HTML 2Page - ON Semiconductor CAT5122SDI-10GT3 Datasheet HTML 3Page - ON Semiconductor CAT5122SDI-10GT3 Datasheet HTML 4Page - ON Semiconductor CAT5122SDI-10GT3 Datasheet HTML 5Page - ON Semiconductor CAT5122SDI-10GT3 Datasheet HTML 6Page - ON Semiconductor CAT5122SDI-10GT3 Datasheet HTML 7Page - ON Semiconductor CAT5122SDI-10GT3 Datasheet HTML 8Page - ON Semiconductor CAT5122SDI-10GT3 Datasheet HTML 9Page - ON Semiconductor CAT5122SDI-10GT3 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CAT5120, CAT5121, CAT5122
http://onsemi.com
6
APPLICATIONS INFORMATION
The devices are intended for circuits requiring digitally
controlled adjustable resistance, such as LCD contrast
control, where voltage biasing adjusts the display contrast.
Alternative Positive LCD Bias Control
Use an op amp to provide buffering and gain on the output
of the CAT5120. Connect the mechanical potentiometer to
the positive input of a noninverting op amp (Figure 9) to
select a portion of the input signal by digitally controlling the
wiper terminal. Figure 10 shows a similar circuit for the
CAT5121.
Adjustable Gain
Figures 11 and 12 show how to use the variable resistor to
digitally adjust the gain of a noninverting op amp
configuration. Connect the CAT5121 in series with a resistor
to ground to form the adjustable gain control of a
noninverting amplifier. The devices have a low 5 ppm/C
ratiometric tempco that allows for a very stable adjustable
gain configuration over temperature.
30 V
W
L
H
+5 V
30 V
L
H
+5 V
L
H
L
H
W
CAT5120
CAT5121
CAT5121
CAT5120
Figure 9. Positive LCD Bias Control
Figure 10. Positive LCD Bias Control
Figure 11. Adjustable Gain Circuit
Figure 12. Adjustable Gain Circuit
VOUT
VOUT
VIN
VCC
VOUT
VIN
VOUT
VCC


Similar Part No. - CAT5122SDI-10GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5122SDI-10GT3 CATALYST-CAT5122SDI-10GT3 Datasheet
298Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5122SDI-10GT3 ONSEMI-CAT5122SDI-10GT3 Datasheet
740Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2121 Rev. G
CAT5122SDI-10GT3 ONSEMI-CAT5122SDI-10GT3 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
CAT5122SDI-10GT3 ONSEMI-CAT5122SDI-10GT3 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
More results

Similar Description - CAT5122SDI-10GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5121 ONSEMI-CAT5121_13 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
CAT5122 ONSEMI-CAT5122_13 Datasheet
203Kb / 11P
   16?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 8
CAT5124 ONSEMI-CAT5124_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5110 ONSEMI-CAT5110_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5119 ONSEMI-CAT5119_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5125 ONSEMI-CAT5125_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5127 ONSEMI-CAT5127_13 Datasheet
173Kb / 10P
   32?릘ap Digital Potentiometers (POTs)
July, 2013 ??Rev. 7
CAT5123 ONSEMI-CAT5123_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
CAT5118 ONSEMI-CAT5118_13 Datasheet
188Kb / 11P
   32?릘ap Digital Potentiometers (POTs)
June, 2013 ??Rev. 13
N57L5125 ONSEMI-N57L5125 Datasheet
83Kb / 8P
   32?릘ap Digital Potentiometers (POTs)
August, 2016 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com