Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5126 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT5126
Description  One?릘ime Digital 32?릘ap Potentiometer (POT)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5126 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT5126_13 Datasheet HTML 1Page - ON Semiconductor CAT5126_13 Datasheet HTML 2Page - ON Semiconductor CAT5126_13 Datasheet HTML 3Page - ON Semiconductor CAT5126_13 Datasheet HTML 4Page - ON Semiconductor CAT5126_13 Datasheet HTML 5Page - ON Semiconductor CAT5126_13 Datasheet HTML 6Page - ON Semiconductor CAT5126_13 Datasheet HTML 7Page - ON Semiconductor CAT5126_13 Datasheet HTML 8Page - ON Semiconductor CAT5126_13 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CAT5126
http://onsemi.com
4
Table 3. ELECTRICAL CHARACTERISTICS (VDD = 2.5 V to 5.5 V, VPP = GND, RH = VDD, RL = GND, TA = −40C to +85C,
unless otherwise noted. Typical values are at VDD = 5.0 V, TA = +25C, unless otherwise noted.) (Note 1) (continued)
Symbol
Units
Max
Typ
Min
Conditions
Parameter
TIMING CHARACTERISTICS (Note 3)
tUP
Power-up Time
(Note 4)
1
ms
tSETTLE
Output Settling Time
100 kW variable resistor
configuration, CL = 10 pF
1
ms
100 kW potentiometer configuration,
CL = 10 pF
0.25
1. All devices are production tested at TA = +25C and are guaranteed by design for TA = −40C to +85C.
2. Digital inputs CS and U/D are connected to GND or VDD.
3. Digital timing is guaranteed by design, not production tested.
4. Power-up time is the period of time from when the power supply is applied until the serial interface is ready for writing.
TYPICAL OPERATING CHARACTERISTICS
(VDD = 2.5 V to 5.5 V, VPP = GND, VH = VDD, VL = GND, TA = +25C)
Figure 2. VPP vs. VDD
Figure 3. IDD Programming vs. VDD
VDD (V)
VDD (V)
5.5
4.5
3.5
2.5
5
6
7
8
9
10
5.5
4.5
3.5
2.5
100
150
200
250
300
Figure 4. Wiper Resistance vs.
Tap Position @ 255C
Figure 5. Wiper Voltage vs. Tap Position
TAP POSITION
TAP
30
20
10
0
0
20
40
60
80
100
120
30
20
10
0
0
1
2
3
4
5
6
Valid
Programming
Invalid
Programming
VDD = 2.5 V
VDD = 5.0 V
VDD = 5.0 V
VDD = 2.5 V


Similar Part No. - CAT5126_13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5126VP2I-00-GT3 CATALYST-CAT5126VP2I-00-GT3 Datasheet
248Kb / 11P
   One-Time Digitally Programmable 32 Tap Potentiometer
CAT5126VP2I-00-GT3 CATALYST-CAT5126VP2I-00-GT3 Datasheet
237Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
logo
ON Semiconductor
CAT5126VP2I-00-GT3 ONSEMI-CAT5126VP2I-00-GT3 Datasheet
152Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
Doc. No. MD-2129 Rev. C
logo
Catalyst Semiconductor
CAT5126VP2I-10-GT3 CATALYST-CAT5126VP2I-10-GT3 Datasheet
248Kb / 11P
   One-Time Digitally Programmable 32 Tap Potentiometer
CAT5126VP2I-10-GT3 CATALYST-CAT5126VP2I-10-GT3 Datasheet
237Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
More results

Similar Description - CAT5126_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5114 ONSEMI-CAT5114_13 Datasheet
210Kb / 15P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 23
CAT5112VI-10 ONSEMI-CAT5112VI-10 Datasheet
162Kb / 10P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 16
N57M5114 ONSEMI-N57M5114 Datasheet
123Kb / 13P
   32?릘ap Digital Potentiometer (POT)
August, 2016 ??Rev. P0
CAT5115 ONSEMI-CAT5115_13 Datasheet
200Kb / 12P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 11
CAT5112VI-50 ONSEMI-CAT5112VI-50 Datasheet
162Kb / 10P
   32?릘ap Digital Potentiometer (POT) ith Buffered Wiper
June, 2013 ??Rev. 16
N57M5127 ONSEMI-N57M5127_18 Datasheet
89Kb / 9P
   32?릘ap Digital Potentiometer (POT) with Wiper Storage
March, 2018 ??Rev. 0
CAT5128 ONSEMI-CAT5128_13 Datasheet
158Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
July, 2013 ??Rev. 4
CAT5113LI-01 ONSEMI-CAT5113LI-01 Datasheet
182Kb / 13P
   100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 26
CAT5112VI10 ONSEMI-CAT5112VI10 Datasheet
201Kb / 10P
   32?릘ap Digital Potentiometer (POT) with Buffered Wiper
June, 2013 ??Rev. 16
N57L5128 ONSEMI-N57L5128 Datasheet
79Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
August, 2016 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com