Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5115ZI-50-GT3 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT5115ZI-50-GT3
Description  32?릘ap Digital Potentiometer (POT)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5115ZI-50-GT3 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT5115ZI-50-GT3 Datasheet HTML 1Page - ON Semiconductor CAT5115ZI-50-GT3 Datasheet HTML 2Page - ON Semiconductor CAT5115ZI-50-GT3 Datasheet HTML 3Page - ON Semiconductor CAT5115ZI-50-GT3 Datasheet HTML 4Page - ON Semiconductor CAT5115ZI-50-GT3 Datasheet HTML 5Page - ON Semiconductor CAT5115ZI-50-GT3 Datasheet HTML 6Page - ON Semiconductor CAT5115ZI-50-GT3 Datasheet HTML 7Page - ON Semiconductor CAT5115ZI-50-GT3 Datasheet HTML 8Page - ON Semiconductor CAT5115ZI-50-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CAT5115
http://onsemi.com
4
Table 5. DC ELECTRICAL CHARACTERISTICS (VCC = +2.5 V to +6 V unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
POWER SUPPLY
VCC
Operating Voltage Range
2.5
6.0
V
ICC1
Supply Current (Increment)
VCC = 6 V, f = 1 MHz, IW = 0
100
mA
VCC = 6 V, f = 250 kHz, IW = 0
50
mA
ISB1 (Note 4)
Supply Current (Standby)
CS = VCC − 0.3 V
U/D, INC = VCC − 0.3 V or GND
0.01
1
mA
LOGIC INPUTS
IIH
Input Leakage Current
VIN = VCC
10
mA
IIL
Input Leakage Current
VIN = 0 V
−10
mA
VIH1
TTL High Level Input Voltage
4.5 V  VCC  5.5 V
2
VCC
V
VIL1
TTL Low Level Input Voltage
0
0.8
V
VIH2
CMOS High Level Input Voltage
2.5 V  VCC  6 V
VCC x 0.7
VCC + 0.3
V
VIL2
CMOS Low Level Input Voltage
−0.3
VCC x 0.2
V
POTENTIOMETER CHARACTERISTICS
RPOT
Potentiometer Resistance
−10 Device
10
kW
−50 Device
50
−00 Device
100
Pot. Resistance Tolerance
20
%
VRH
Voltage on RH pin
0
VCC
V
VRL
Voltage on RL pin
0
VCC
V
Resolution
3.2
%
INL
Integral Linearity Error
IW  2 mA
0.5
1
LSB
DNL
Differential Linearity Error
IW  2 mA
0.25
0.5
LSB
RWI
Wiper Resistance
VCC = 5 V, IW = 1 mA
70
200
W
VCC = 2.5 V, IW = 1 mA
150
400
W
IW
Wiper Current
(1)
1
mA
TCRPOT
TC of Pot Resistance
50
300
ppm/C
TCRATIO
Ratiometric TC
20
ppm/C
VN
Noise
100 kHz / 1 kHz
8/24
nV/Hz
CH/CL/CW
Potentiometer Capacitances
8/8/25
pF
fc
Frequency Response
Passive Attenuator, 10 kW
1.7
MHz
3. This parameter is tested initially and after a design or process change that affects the parameter.
4. Latch-up protection is provided for stresses up to 100 mA on address and data pins from −1 V to VCC + 1 V.
5. IW = source or sink.
6. These parameters are periodically sampled and are not 100% tested.


Similar Part No. - CAT5115ZI-50-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5115ZI-50-GT3 ONSEMI-CAT5115ZI-50-GT3 Datasheet
286Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2117 Rev. J
More results

Similar Description - CAT5115ZI-50-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5114 ONSEMI-CAT5114_13 Datasheet
210Kb / 15P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 23
CAT5112VI-10 ONSEMI-CAT5112VI-10 Datasheet
162Kb / 10P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 16
N57M5114 ONSEMI-N57M5114 Datasheet
123Kb / 13P
   32?릘ap Digital Potentiometer (POT)
August, 2016 ??Rev. P0
CAT5126 ONSEMI-CAT5126_13 Datasheet
168Kb / 9P
   One?릘ime Digital 32?릘ap Potentiometer (POT)
June, 2013 ??Rev. 4
CAT5112VI-50 ONSEMI-CAT5112VI-50 Datasheet
162Kb / 10P
   32?릘ap Digital Potentiometer (POT) ith Buffered Wiper
June, 2013 ??Rev. 16
N57M5127 ONSEMI-N57M5127_18 Datasheet
89Kb / 9P
   32?릘ap Digital Potentiometer (POT) with Wiper Storage
March, 2018 ??Rev. 0
CAT5128 ONSEMI-CAT5128_13 Datasheet
158Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
July, 2013 ??Rev. 4
CAT5113LI-01 ONSEMI-CAT5113LI-01 Datasheet
182Kb / 13P
   100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 26
CAT5112VI10 ONSEMI-CAT5112VI10 Datasheet
201Kb / 10P
   32?릘ap Digital Potentiometer (POT) with Buffered Wiper
June, 2013 ??Rev. 16
N57L5128 ONSEMI-N57L5128 Datasheet
79Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
August, 2016 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com