Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5114YI-10-GT3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAT5114YI-10-GT3
Description  32?릘ap Digital Potentiometer (POT)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5114YI-10-GT3 Datasheet(HTML) 2 Page - ON Semiconductor

  CAT5114YI-10-GT3 Datasheet HTML 1Page - ON Semiconductor CAT5114YI-10-GT3 Datasheet HTML 2Page - ON Semiconductor CAT5114YI-10-GT3 Datasheet HTML 3Page - ON Semiconductor CAT5114YI-10-GT3 Datasheet HTML 4Page - ON Semiconductor CAT5114YI-10-GT3 Datasheet HTML 5Page - ON Semiconductor CAT5114YI-10-GT3 Datasheet HTML 6Page - ON Semiconductor CAT5114YI-10-GT3 Datasheet HTML 7Page - ON Semiconductor CAT5114YI-10-GT3 Datasheet HTML 8Page - ON Semiconductor CAT5114YI-10-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
CAT5114
http://onsemi.com
2
DEVICE MARKING INFORMATION
ABMS = CAT5114ZI−10−GT3
ABMT = CAT5114ZI−50−GT3
ABTH = CAT5114ZI−00−GT3
Y = Production Year (Last Digit)
M = Production Month (1−9, O, N, D)
P = Product Revision
R = Resistance:
2 = 10 kW
4 = 50 kW
5 = 100 kW
L = Assembly Location
4 = Lead Finish − NiPdAu
B = Product Revision (Fixed as “B”)
CAT5114L = Device Code (PDIP)
CAT5114V = Device Code (SOIC)
I = Temperature Range (Industrial)
Y = Production Year (Last Digit)
M = Production Month (1−9, O, N, D)
XXXX = Last Four Digits of Assembly Lot Number
A4 = Device Code
R = Resistance:
2 = 10 kW
4 = 50 kW
5 = 100 kW
L = Assembly Location
4 = Lead Finish − NiPdAu
Y = Production Year (last digit)
M = Production Month (1−9, O, N, D)
XXX = Last Three Digits of Assembly
XXX = Lot Number
TSSOP
PDIP
SOIC
MSOP
RL4B
CAT5114LI
YMXXXX
RL4B
CAT5114VI
YMXXXX
ABMS
YMP
A4RL
4YMXXX
TDFN
EFL
XXX
YM
EF = CAT5114VP2I10GT3
HF = CAT5114VP2I50GT3
GW = CAT5114VP2I00GT3
L = Assembly Location
XXX = Last Three Digits of Assembly Lot Number
Y = Production Year (Last Digit)
M = Production Month (1−9, O, N, D)
Functional Diagram
Figure 1. General
Control
and
Memory
Power On
GND
Decoder
31
30
29
28
2
1
0
Transfer
Gates
Resistor
Array
5−Bit
Nonvolatile
Memory
Store and
Recall
Control
Circuitry
5−Bit
Up/Down
Counter
GND
Figure 2. Detailed
Figure 3. Electronic
Potentiometer
Implementation
VCC
CS
INC
U/D
RH/VH
RW/VW
RL/VL
VCC
Recall
CS
INC
U/D
Position
RH/VH
RW/VW
RL/VL
32−
RH/VH
RL/VL
RW/VW


Similar Part No. - CAT5114YI-10-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5114YI-10-GT3 ONSEMI-CAT5114YI-10-GT3 Datasheet
297Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2007 Rev. S
More results

Similar Description - CAT5114YI-10-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5112VI-10 ONSEMI-CAT5112VI-10 Datasheet
162Kb / 10P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 16
N57M5114 ONSEMI-N57M5114 Datasheet
123Kb / 13P
   32?릘ap Digital Potentiometer (POT)
August, 2016 ??Rev. P0
CAT5115 ONSEMI-CAT5115_13 Datasheet
200Kb / 12P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 11
CAT5126 ONSEMI-CAT5126_13 Datasheet
168Kb / 9P
   One?릘ime Digital 32?릘ap Potentiometer (POT)
June, 2013 ??Rev. 4
CAT5112VI-50 ONSEMI-CAT5112VI-50 Datasheet
162Kb / 10P
   32?릘ap Digital Potentiometer (POT) ith Buffered Wiper
June, 2013 ??Rev. 16
N57M5127 ONSEMI-N57M5127_18 Datasheet
89Kb / 9P
   32?릘ap Digital Potentiometer (POT) with Wiper Storage
March, 2018 ??Rev. 0
CAT5128 ONSEMI-CAT5128_13 Datasheet
158Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
July, 2013 ??Rev. 4
CAT5113LI-01 ONSEMI-CAT5113LI-01 Datasheet
182Kb / 13P
   100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 26
CAT5112VI10 ONSEMI-CAT5112VI10 Datasheet
201Kb / 10P
   32?릘ap Digital Potentiometer (POT) with Buffered Wiper
June, 2013 ??Rev. 16
N57L5128 ONSEMI-N57L5128 Datasheet
79Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
August, 2016 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com