Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5114LI-10-G Datasheet(PDF) 8 Page - ON Semiconductor

Part # CAT5114LI-10-G
Description  32?릘ap Digital Potentiometer (POT)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5114LI-10-G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT5114LI-10-G Datasheet HTML 4Page - ON Semiconductor CAT5114LI-10-G Datasheet HTML 5Page - ON Semiconductor CAT5114LI-10-G Datasheet HTML 6Page - ON Semiconductor CAT5114LI-10-G Datasheet HTML 7Page - ON Semiconductor CAT5114LI-10-G Datasheet HTML 8Page - ON Semiconductor CAT5114LI-10-G Datasheet HTML 9Page - ON Semiconductor CAT5114LI-10-G Datasheet HTML 10Page - ON Semiconductor CAT5114LI-10-G Datasheet HTML 11Page - ON Semiconductor CAT5114LI-10-G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
CAT5114
http://onsemi.com
8
+5 V
+5 V
+2.5 V
+5 V
IC3
CAT5114
CLO
IC1
393
AI
IC4
2
3
1
2
8
1
7
4
+5 V
OSC
IC2
74HC132
0.1 mF
+
CHI
6
5
5
6
3
7
+5 V
R3
R2
R1
0.001 mF
0.001 mF
1 mF
2
7
3
4
6
+
2
8
1
7
4
+5 V
CAT5113/5114
+2.5 V
Figure 11. Programmable Bandpass Filter
VO
2.5  VO  5 V
VUL
VLL
R1
R3
R2
10 kW
VS
0  VS  2.5 V
10 kW
C1
C2
VO
VS
10 kW
100 kW
A1
50 kW
Figure 12. Automatic Gain Control


Similar Part No. - CAT5114LI-10-G

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5114LI-10-G CATALYST-CAT5114LI-10-G Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5114LI-10-G ONSEMI-CAT5114LI-10-G Datasheet
250Kb / 15P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2007 Rev. R
CAT5114LI-10-G ONSEMI-CAT5114LI-10-G Datasheet
297Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2007 Rev. S
More results

Similar Description - CAT5114LI-10-G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5112VI-10 ONSEMI-CAT5112VI-10 Datasheet
162Kb / 10P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 16
N57M5114 ONSEMI-N57M5114 Datasheet
123Kb / 13P
   32?릘ap Digital Potentiometer (POT)
August, 2016 ??Rev. P0
CAT5115 ONSEMI-CAT5115_13 Datasheet
200Kb / 12P
   32?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 11
CAT5126 ONSEMI-CAT5126_13 Datasheet
168Kb / 9P
   One?릘ime Digital 32?릘ap Potentiometer (POT)
June, 2013 ??Rev. 4
CAT5112VI-50 ONSEMI-CAT5112VI-50 Datasheet
162Kb / 10P
   32?릘ap Digital Potentiometer (POT) ith Buffered Wiper
June, 2013 ??Rev. 16
N57M5127 ONSEMI-N57M5127_18 Datasheet
89Kb / 9P
   32?릘ap Digital Potentiometer (POT) with Wiper Storage
March, 2018 ??Rev. 0
CAT5128 ONSEMI-CAT5128_13 Datasheet
158Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
July, 2013 ??Rev. 4
CAT5113LI-01 ONSEMI-CAT5113LI-01 Datasheet
182Kb / 13P
   100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 26
CAT5112VI10 ONSEMI-CAT5112VI10 Datasheet
201Kb / 10P
   32?릘ap Digital Potentiometer (POT) with Buffered Wiper
June, 2013 ??Rev. 16
N57L5128 ONSEMI-N57L5128 Datasheet
79Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
August, 2016 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com