Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDF915CS6 Datasheet(PDF) 4 Page - Shoulder Electronics Limited.

Part # HDF915CS6
Description  The product shall be packed properly not to be damaged during transportation and storage
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF915CS6 Datasheet(HTML) 4 Page - Shoulder Electronics Limited.

  HDF915CS6 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF915CS6 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF915CS6 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF915CS6 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF915CS6 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF915CS6 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF915CS6 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF915CS6 Datasheet HTML 8Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SAW FILTER
HDF915C
S6
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 4 of 8
3.3Electronic Characteristics
Item
Specification
Center Frequency(fo)
915MHz
Insertion Loss
902~928 MHz
5.0 dB max
1.)580~790 MHz
2.)790~860 MHz
3.)970~1040 MHz
4.)1040~1250 MHz
5.)1500~2000 MHz
45 dB min
30 dB min
20 dB min
40 dB min
20 dB min
Ripple deviation (902.5-928MHz)(dB)
2.0max
Input/output Impedance(Nominal)
50Ω
3.4 Frequency Characteristics
3.5 Test Circuit


Similar Part No. - HDF915CS6

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF915C1S6 SHOULDER-HDF915C1S6 Datasheet
201Kb / 9P
   Low-loss RF filter for remote control receivers
More results

Similar Description - HDF915CS6

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF841ES4 SHOULDER-HDF841ES4 Datasheet
168Kb / 9P
   The product shall be packed properly not to be damaged during transportation and storage
HDF879ES6 SHOULDER-HDF879ES6 Datasheet
165Kb / 7P
   The product shall be packed properly not to be damaged during transportation and storage
HDF387AS4 SHOULDER-HDF387AS4 Datasheet
161Kb / 7P
   The product shall be packed properly not to be damaged during transportation and storage
HDF872AS6 SHOULDER-HDF872AS6 Datasheet
161Kb / 8P
   The product shall be packed properly not to be damaged during transportation and storage
HDF820ANS6 SHOULDER-HDF820ANS6 Datasheet
179Kb / 9P
   The product shall be packed properly not to be damaged during transportation and storage
HDF903A1S6 SHOULDER-HDF903A1S6 Datasheet
160Kb / 8P
   The product shall be packed properly not to be damaged during transportation and storage
HDF916A1S6 SHOULDER-HDF916A1S6 Datasheet
456Kb / 8P
   The product shall be packed properly not to be damaged during transportation and storage
HDF418MS3 SHOULDER-HDF418MS3 Datasheet
204Kb / 8P
   The product shall be packed properly not to be damaged during transportation and storage
HDF31512M1S6 SHOULDER-HDF31512M1S6 Datasheet
198Kb / 9P
   The product shall be packed properly not to be damaged during transportation and storage
HDF827AS6 SHOULDER-HDF827AS6 Datasheet
162Kb / 8P
   The product shall be packed properly not to be damaged during transportation and storage
HDF380C1S4 SHOULDER-HDF380C1S4 Datasheet
162Kb / 8P
   The product shall be packed properly not to be damaged during transportation and storage
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com