Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XMC1201-Q040F0128 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # XMC1201-Q040F0128
Description  Microcontroller Series for Industrial Applications
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XMC1201-Q040F0128 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button XMC1201-Q040F0128 Datasheet HTML 6Page - Infineon Technologies AG XMC1201-Q040F0128 Datasheet HTML 7Page - Infineon Technologies AG XMC1201-Q040F0128 Datasheet HTML 8Page - Infineon Technologies AG XMC1201-Q040F0128 Datasheet HTML 9Page - Infineon Technologies AG XMC1201-Q040F0128 Datasheet HTML 10Page - Infineon Technologies AG XMC1201-Q040F0128 Datasheet HTML 11Page - Infineon Technologies AG XMC1201-Q040F0128 Datasheet HTML 12Page - Infineon Technologies AG XMC1201-Q040F0128 Datasheet HTML 13Page - Infineon Technologies AG XMC1201-Q040F0128 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
XMC
1200 AB-Step
XMC
1000 Family
Summary of Features
Data Sheet
10
V1.7, 2016-08
On-Chip Debug Support
Support for debug features: 4 breakpoints, 2 watchpoints
Various interfaces: ARM serial wire debug (SWD), single pin debug (SPD)
1.1
Ordering Information
The ordering code for an Infineon microcontroller provides an exact reference to a
specific product. The code “XMC1<DDD>-<Z><PPP><T><FFFF>” identifies:
<DDD> the derivatives function set
<Z> the package variant
– T: TSSOP
–Q: VQFN
<PPP> package pin count
<T> the temperature range:
– F: -40°C to 85°C
– X: -40°C to 105°C
<FFFF> the Flash memory size.
For ordering codes for the XMC1200 please contact your sales representative or local
distributor.
This document describes several derivatives of the XMC1200 series, some descriptions
may not apply to a specific product. Please see Table 1.
For simplicity the term XMC1200 is used for all derivatives throughout this document.
1.2
Device Types
These device types are available and can be ordered through Infineon’s direct and/or
distribution channels.
Table 1
Synopsis of XMC1200 Device Types
Derivative
Package
Flash
Kbytes
SRAM
Kbytes
XMC1201-T028F0016
PG-TSSOP-28-16
16
16
XMC1201-T028F0032
PG-TSSOP-28-16
32
16
XMC1201-T038F0016
PG-TSSOP-38-9
16
16
XMC1201-T038F0032
PG-TSSOP-38-9
32
16
XMC1201-T038F0064
PG-TSSOP-38-9
64
16
XMC1201-T038F0128
PG-TSSOP-38-9
128
16
XMC1201-T038F0200
PG-TSSOP-38-9
200
16
XMC1200-T038F0200
PG-TSSOP-38-9
200
16
Subject to Agreement on the Use of Product Information


Similar Part No. - XMC1201-Q040F0128

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XMC1201-Q040F0128 INFINEON-XMC1201-Q040F0128 Datasheet
1Mb / 65P
   Microcontroller Series
V1.4 2014-05
More results

Similar Description - XMC1201-Q040F0128

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XMC4700 INFINEON-XMC4700 Datasheet
1Mb / 130P
   Microcontroller Series for Industrial Applications
V0.7 2015-10
XMC1400 INFINEON-XMC1400 Datasheet
1Mb / 88P
   Microcontroller Series for Industrial Applications
V1.2 2016-08
XMC1100AB INFINEON-XMC1100AB Datasheet
1Mb / 68P
   Microcontroller Series for Industrial Applications
V1.7 2016-08
XMC4400 INFINEON-XMC4400 Datasheet
1Mb / 103P
   Microcontroller Series for Industrial Applications
V1.2 2015-12
XMC4100 INFINEON-XMC4100 Datasheet
1Mb / 94P
   Microcontroller Series for Industrial Applications
V1.3 2015-10
XMC1400AA INFINEON-XMC1400AA Datasheet
3Mb / 91P
   Microcontroller Series for Industrial Applications
V1.4 2017-11
XMC1300AB INFINEON-XMC1300AB Datasheet
1Mb / 78P
   Microcontroller Series for Industrial Applications
V1.7 2016-08
XMC4500 INFINEON-XMC4500_16 Datasheet
1Mb / 123P
   Microcontroller Series for Industrial Applications
V1.4 2016-01
XMC4300 INFINEON-XMC4300 Datasheet
1Mb / 102P
   Microcontroller Series for Industrial Applications
V1.0 2016-02
XMC4500 INFINEON-XMC4500 Datasheet
1Mb / 112P
   Microcontroller Series for Industrial Applications
V1.0 2013-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com