Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDF869ANS6 Datasheet(PDF) 5 Page - Shoulder Electronics Limited.

Part # HDF869ANS6
Description  Low-Loss SAW Filter of cordless system
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF869ANS6 Datasheet(HTML) 5 Page - Shoulder Electronics Limited.

  HDF869ANS6 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF869ANS6 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF869ANS6 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF869ANS6 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF869ANS6 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF869ANS6 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF869ANS6 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF869ANS6 Datasheet HTML 8Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SAW FILTER
HDF869AN
S6
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 5 of 8
5. ENVIRONMENTAL CHARACTERISTICS
5-1 Temperature cycling
Subject the device to a low temperature of -40℃ for 30 minutes. Following by a
high temperature of +25℃ for 5 Minutes and a higher temperature of +85℃ for 30
Minutes. Then release the device into the room conditions for 1 to 2 hours prior to the
measurement. It shall meet the specifications in 3.3.
5-2 Resistance to solder heat
Submerge the device terminals into the solder bath at 260℃±5℃ for 10±1 sec.
Then release the device into the room conditions for 4 hours. It shall meet the specifications
in 3.3.
5-3 Solderability
Submerge the device terminals into the solder bath at 245℃±5℃ for 5s, More than
95% area of the soldering pad must be covered with new solder. It shall meet the
specifications in 3.3.
5-4 Mechanical shock
Drop the device randomly onto the concrete floor from the height of 1 m 3 times. the
filter shall fulfill the specifications in 3.3.
5-5 Vibration
Subject the device to the vibration for 2 hour each in x,y and z axes with the amplitude
of 1.5 mm at 10 to 55 hz. The filter shall fulfill the specifications in 3.3.
6. REMARK
6.1 Static voltage
Static voltage between signal load & ground may cause deterioration &destruction of
the component. Please avoid static voltage.
6.2 Ultrasonic cleaning
Ultrasonic vibration may cause deterioration & destruction of the component. Please
avoid ultrasonic cleaning
6.3 Soldering
Only leads of component may be soldered. Please avoid soldering another part of
component.
7. Packing
7.1 Dimensions
(1) Carrier Tape: Figure 1
(2) Reel: Figure 2
(3) The product shall be packed properly not to be damaged during transportation and storage.
7.2 Reeling Quantity
1000 pcs/reel
7’’
3000 pcs/reel
13’’


Similar Part No. - HDF869ANS6

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF869AN2S6 SHOULDER-HDF869AN2S6 Datasheet
495Kb / 8P
   Tensile Strength of Carrier Tape: 4.4N/mm width
More results

Similar Description - HDF869ANS6

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF674AS4 SHOULDER-HDF674AS4 Datasheet
208Kb / 8P
   Low-Loss SAW Filter of cordless system.
HDF767ANS6 SHOULDER-HDF767ANS6 Datasheet
223Kb / 9P
   Low-Loss SAW Filter of cordless system.
HDF897E3S6 SHOULDER-HDF897E3S6 Datasheet
222Kb / 9P
   Low-Loss SAW Filter of cordless system
HDF8683A1S4 SHOULDER-HDF8683A1S4 Datasheet
190Kb / 9P
   Low-Loss SAW Filter of cordless system.
HDF860CS6 SHOULDER-HDF860CS6 Datasheet
163Kb / 8P
   Low-Loss SAW Filter of cordless system
HDF921A2S4 SHOULDER-HDF921A2S4 Datasheet
164Kb / 8P
   Low-Loss SAW Filter of cordless system
HDF682AS4 SHOULDER-HDF682AS4 Datasheet
189Kb / 8P
   Low-Loss SAW Filter of cordless system.
HDF746AS4 SHOULDER-HDF746AS4 Datasheet
160Kb / 8P
   Low-Loss SAW Filter of cordless system.
HDF802ANS3 SHOULDER-HDF802ANS3 Datasheet
161Kb / 7P
   Low-Loss SAW Filter of cordless system.
HDF806CS6 SHOULDER-HDF806CS6 Datasheet
163Kb / 8P
   Low-Loss SAW Filter of cordless system.
HDF86835AS6 SHOULDER-HDF86835AS6 Datasheet
168Kb / 8P
   Low-Loss SAW Filter of cordless system.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com