Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDF860ES4 Datasheet(PDF) 7 Page - Shoulder Electronics Limited.

Part # HDF860ES4
Description  The tape shall be wound around the reel in the direction shown below
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF860ES4 Datasheet(HTML) 7 Page - Shoulder Electronics Limited.

  HDF860ES4 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF860ES4 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF860ES4 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF860ES4 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF860ES4 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF860ES4 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF860ES4 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF860ES4 Datasheet HTML 8Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SAW FILTER
HDF860E
SMD-6
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 7 of 8
(1) pull off angle: 0~15º
(2) speed: 300mm/min.
(3) force: 20~70g
[Figure 1] Carrier Tape Dimensions
[Unit:mm]
W
F
E
P0
P1
P2
D0
D1
t1
t2
A
B
12.00
±0.30
5.50
±0.10
1.75
±0.10
4.00
±0.10
4.00
±0.10
2.00
±0.10
Ø1.50
Ø1.5
±0.25
0.31
±0.05
1.30
±0.10
3.4
MAX.
3.4
MAX
[Figure 2]
[Unit:mm]


Similar Part No. - HDF860ES4

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF860C1S6 SHOULDER-HDF860C1S6 Datasheet
163Kb / 8P
   Low-Loss SAW Filter of cordless system
HDF860CS6 SHOULDER-HDF860CS6 Datasheet
163Kb / 8P
   Low-Loss SAW Filter of cordless system
More results

Similar Description - HDF860ES4

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF915ANS6 SHOULDER-HDF915ANS6 Datasheet
178Kb / 8P
   The tape shall be wound around the reel in the direction shown below
HDF866AS6 SHOULDER-HDF866AS6 Datasheet
169Kb / 8P
   The tape shall be wound around the reel in the direction shown below
logo
List of Unclassifed Man...
P5150 ETC2-P5150 Datasheet
343Kb / 2P
   The probe includes the accessories shown below.
logo
Xilinx, Inc
DS737 XILINX-DS737 Datasheet
169Kb / 5P
   Wrapper around the MMCM_ADV primitive
DS622 XILINX-DS622 Datasheet
213Kb / 8P
   Wrapper around the PLL_ADV primitive
logo
Astec America, Inc
LPX120 ASTEC-LPX120 Datasheet
944Kb / 2P
   Place the insulator over the chassis as shown
NLP250CJ ASTEC-NLP250CJ Datasheet
388Kb / 2P
   Place the cover over the NLP250 as shown
logo
Artesyn Technologies
NLP250CJ ARTESYN-NLP250CJ Datasheet
423Kb / 2P
   Place the cover over the NLP250 as shown
logo
Astec America, Inc
LPX40 ASTEC-LPX40 Datasheet
356Kb / 2P
   Place the insulator over the chassis as shown
logo
Laird Tech Smart Techno...
J23016S00-90N LSTD-J23016S00-90N Datasheet
1Mb / 2P
   WiMax/Broadband Wireless Antenna
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com