Electronic Components Datasheet Search |
|
S28A24T200BF3 Datasheet(PDF) 1 Page - Vicor Corporation |
|
S28A24T200BF3 Datasheet(HTML) 1 Page - Vicor Corporation |
1 / 12 page DC-DC Converter Module 28 V Wide Maxi Family Rev 2.8 vicorpower.com Page 1 of 12 02/2016 800 927.9474 28 V Wide Input S NRTL CUS C US ® Maxi Family Features • DC input range: 9 – 36 V* • Isolated output • Input surge withstand: 50 V for 100 ms • DC output: 3.3 – 48 V • Programmable output: 10 to 110% • Regulation: ±0.2% no load to full load • Efficiency: Up to 85% • Maximum operating temp: 100°C • Power density: up to 40 W per cubic inch • Height above board: 0.43 in. (10,9 mm) • Parallelable, with N+M fault tolerance • Low noise ZCS/ZVS architecture • RoHS Compliant (with F or G pin option) Product Overview These DC-DC converter modules use advanced power processing, control and packaging technologies to provide the performance, flexibility, reliability and cost effec- tiveness of a mature power component. High frequency ZCS/ZVS switching provides high power density with low noise and high efficiency. Applications Industrial and process control, distributed power, medical, ATE, communications, defense, aerospace. *10-36 V DC input range for 3.3, 6.5, 8, 36 and 48 V outputs. All others derate power to 75% for Vin 9 – 10 V. For details on proper operation please refer to the Design Guide & Applications Manual for Maxi, Mini, Micro Family. Parameter Rating Unit Notes +In to –In voltage -0.5 to +53 Vdc PC to –In voltage -0.5 to +7.0 Vdc PR to –In voltage -0.5 to +7.0 Vdc SC to -Out voltage -0.5 to +1.5 Vdc -Sense to -Out voltage 1.0 Vdc +Out to -Out, +Sense to -Out See Module Output Specifications Isolation voltage in to out 3000 Vrms Test voltage in to base 1500 Vrms Test voltage out to base 500 Vrms Test voltage Operating Temperature -55 to +100 °C M-Grade Storage Temperature -65 to +125 °C M-Grade Pin soldering temperature 500 (260) °F (°C) <5 sec; wave solder 750 (390) °F (°C) <7 sec; hand solder Mounting torque 5 (0.57) in-lbs (N-m) 6 each Output Voltage 3 V 3 = 3.3 V 5 = 5 V 6.5 = 6.5 V 8 = 8 V 12 = 12 V 15 = 15 V 24 = 24 V 28 = 28 V 36 = 36 V 48 = 48 V Absolute Maximum Ratings Part Numbering e.g. V28A12T200BL2 28A B Actual size: 4.6 x 2.2 x 0.5 in 117 x 56 x 12,7 mm Product Grade Temperatures (°C) Grade Operating Storage C = - 20 to +100 - 40 to +125 T = - 40 to +100 - 40 to +125 H = - 40 to +100 - 55 to +125 M = - 55 to +100 - 65 to +125 Pin Style Finish Blank: Short Tin/Lead L: Long Tin/Lead S: Short ModuMate Gold N: Long ModuMate Gold F: Short RoHS Gold G: Long RoHS Gold K: Extra Long RoHS Gold Baseplate Blank: Slotted 2: Threaded 3: Through-hole Product Type V = Standard S = Enhanced efficiency (avail. ≤12 Vout only) Output Power Vout Pout 3.3 V 150 W 5 V 175 W 12 V 200 W 15 V 200 W 24 V 200 W 28 V 200 W 36 V 200 W 48 V 200 W |
Similar Part No. - S28A24T200BF3 |
|
Similar Description - S28A24T200BF3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |