Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XMC4400-F100 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # XMC4400-F100
Description  Microcontroller Series for Industrial Applications
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XMC4400-F100 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button XMC4400-F100 Datasheet HTML 7Page - Infineon Technologies AG XMC4400-F100 Datasheet HTML 8Page - Infineon Technologies AG XMC4400-F100 Datasheet HTML 9Page - Infineon Technologies AG XMC4400-F100 Datasheet HTML 10Page - Infineon Technologies AG XMC4400-F100 Datasheet HTML 11Page - Infineon Technologies AG XMC4400-F100 Datasheet HTML 12Page - Infineon Technologies AG XMC4400-F100 Datasheet HTML 13Page - Infineon Technologies AG XMC4400-F100 Datasheet HTML 14Page - Infineon Technologies AG XMC4400-F100 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 103 page
background image
XMC4400
XMC4000 Family
Summary of Features
Data Sheet
11
V1.2, 2015-12
On-Chip Debug Support
Full support for debug features: 8 breakpoints, CoreSight, trace
Various interfaces: ARM-JTAG, SWD, single wire trace
1.1
Ordering Information
The ordering code for an Infineon microcontroller provides an exact reference to a
specific product. The code “XMC4<DDD>-<Z><PPP><T><FFFF>” identifies:
<DDD> the derivatives function set
<Z> the package variant
–E: LFBGA
–F: LQFP
–Q: VQFN
<PPP> package pin count
<T> the temperature range:
– F: -40°C to 85°C
– K: -40°C to 125°C
<FFFF> the Flash memory size.
For ordering codes for the XMC4400 please contact your sales representative or local
distributor.
This document describes several derivatives of the XMC4400 series, some descriptions
may not apply to a specific product. Please see Table 1.
For simplicity the term XMC4400 is used for all derivatives throughout this document.
1.2
Device Types
These device types are available and can be ordered through Infineon’s direct and/or
distribution channels.
Table 1
Synopsis of
XMC4400 Device Types
Derivative
1)
1) x is a placeholder for the supported temperature range.
Package
Flash Kbytes SRAM
Kbytes
XMC4400-F100x512
PG-LQFP-100
512
80
XMC4400-F64x512
PG-yQFP-64
2)
2) y is a placeholder for the QFP package variant, LQFP or TQFP depending on the stepping, see Section 1.3.
512
80
XMC4400-F100x256
PG-LQFP-100
256
80
XMC4400-F64x256
PG-yQFP-64
2)
256
80
XMC4402-F100x256
PG-LQFP-100
256
80
XMC4402-F64x256
PG-yQFP-64
2)
256
80
Subject to Agreement on the Use of Product Information


Similar Part No. - XMC4400-F100

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XMC4000 INFINEON-XMC4000 Datasheet
2Mb / 93P
   ARM® Cortex®-M4 32-bit processor core
V1.4 2018-09
XMC4100 INFINEON-XMC4100 Datasheet
1Mb / 94P
   Microcontroller Series for Industrial Applications
V1.3 2015-10
XMC4100 INFINEON-XMC4100 Datasheet
2Mb / 93P
   ARM® Cortex®-M4 32-bit processor core
V1.4 2018-09
XMC4100-F64x128 INFINEON-XMC4100-F64x128 Datasheet
1Mb / 94P
   Microcontroller Series for Industrial Applications
V1.3 2015-10
XMC4100-F64X128 INFINEON-XMC4100-F64X128 Datasheet
2Mb / 93P
   ARM® Cortex®-M4 32-bit processor core
V1.4 2018-09
More results

Similar Description - XMC4400-F100

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XMC4700 INFINEON-XMC4700 Datasheet
1Mb / 130P
   Microcontroller Series for Industrial Applications
V0.7 2015-10
XMC1400 INFINEON-XMC1400 Datasheet
1Mb / 88P
   Microcontroller Series for Industrial Applications
V1.2 2016-08
XMC1100AB INFINEON-XMC1100AB Datasheet
1Mb / 68P
   Microcontroller Series for Industrial Applications
V1.7 2016-08
XMC4100 INFINEON-XMC4100 Datasheet
1Mb / 94P
   Microcontroller Series for Industrial Applications
V1.3 2015-10
XMC1400AA INFINEON-XMC1400AA Datasheet
3Mb / 91P
   Microcontroller Series for Industrial Applications
V1.4 2017-11
XMC1300AB INFINEON-XMC1300AB Datasheet
1Mb / 78P
   Microcontroller Series for Industrial Applications
V1.7 2016-08
XMC4500 INFINEON-XMC4500_16 Datasheet
1Mb / 123P
   Microcontroller Series for Industrial Applications
V1.4 2016-01
XMC4300 INFINEON-XMC4300 Datasheet
1Mb / 102P
   Microcontroller Series for Industrial Applications
V1.0 2016-02
XMC1200AB INFINEON-XMC1200AB Datasheet
1Mb / 76P
   Microcontroller Series for Industrial Applications
V1.7 2016-08
XMC4500 INFINEON-XMC4500 Datasheet
1Mb / 112P
   Microcontroller Series for Industrial Applications
V1.0 2013-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com