Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XMC4500 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # XMC4500
Description  Microcontroller Series for Industrial Applications
Download  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XMC4500 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button XMC4500_16 Datasheet HTML 5Page - Infineon Technologies AG XMC4500_16 Datasheet HTML 6Page - Infineon Technologies AG XMC4500_16 Datasheet HTML 7Page - Infineon Technologies AG XMC4500_16 Datasheet HTML 8Page - Infineon Technologies AG XMC4500_16 Datasheet HTML 9Page - Infineon Technologies AG XMC4500_16 Datasheet HTML 10Page - Infineon Technologies AG XMC4500_16 Datasheet HTML 11Page - Infineon Technologies AG XMC4500_16 Datasheet HTML 12Page - Infineon Technologies AG XMC4500_16 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 123 page
background image
XMC4500
XMC4000 Family
Summary of Features
Data Sheet
9
V1.4, 2016-01
Flexible CRC Engine (FCE) for multiple bit error detection
On-Chip Memories
16 KB on-chip boot ROM
64 KB on-chip high-speed program memory
64 KB on-chip high speed data memory
32 KB on-chip high-speed communication
1024 KB on-chip Flash Memory with 4 KB instruction cache
Communication Peripherals
Ethernet MAC module capable of 10/100 Mbit/s transfer rates
Universal Serial Bus, USB 2.0 host, Full-Speed OTG, with integrated PHY
Controller Area Network interface (MultiCAN), Full-CAN/Basic-CAN with 3 nodes, 64
message objects (MO), data rate up to 1MBit/s
Six Universal Serial Interface Channels (USIC),providing 6 serial channels, usable as
UART, double-SPI, quad-SPI, IIC, IIS and LIN interfaces
LED and Touch-Sense Controller (LEDTS) for Human-Machine interface
SD and Multi-Media Card interface (SDMMC) for data storage memory cards
External Bus Interface Unit (EBU) enabling communication with external memories
and off-chip peripherals
Analog Frontend Peripherals
Four Analog-Digital Converters (VADC) of 12-bit resolution, 8 channels each, with
input out-of-range comparators
Delta Sigma Demodulator
with four channels, digital input stage for A/D signal
conversion
Digital-Analogue Converter (DAC) with two channels of 12-bit resolution
Industrial Control Peripherals
Two Capture/Compare Units 8 (CCU8) for motor control and power conversion
Four Capture/Compare Units 4 (CCU4) for use as general purpose timers
Two Position Interfaces (POSIF) for servo motor positioning
Window Watchdog Timer (WDT) for safety sensitive applications
Die Temperature Sensor (DTS)
Real Time Clock module with alarm support
System Control Unit (SCU) for system configuration and control
Subject to Agreement on the Use of Product Information


Similar Part No. - XMC4500_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XMC4500-E144F1024 INFINEON-XMC4500-E144F1024 Datasheet
1Mb / 112P
   Microcontroller Series for Industrial Applications
V1.0 2013-01
XMC4500-F100X1024 INFINEON-XMC4500-F100X1024 Datasheet
1Mb / 112P
   Microcontroller Series for Industrial Applications
V1.0 2013-01
XMC4500-F100X768 INFINEON-XMC4500-F100X768 Datasheet
1Mb / 112P
   Microcontroller Series for Industrial Applications
V1.0 2013-01
XMC4500-F144X1024 INFINEON-XMC4500-F144X1024 Datasheet
1Mb / 112P
   Microcontroller Series for Industrial Applications
V1.0 2013-01
XMC4500-F144X768 INFINEON-XMC4500-F144X768 Datasheet
1Mb / 112P
   Microcontroller Series for Industrial Applications
V1.0 2013-01
More results

Similar Description - XMC4500_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XMC4700 INFINEON-XMC4700 Datasheet
1Mb / 130P
   Microcontroller Series for Industrial Applications
V0.7 2015-10
XMC1400 INFINEON-XMC1400 Datasheet
1Mb / 88P
   Microcontroller Series for Industrial Applications
V1.2 2016-08
XMC1100AB INFINEON-XMC1100AB Datasheet
1Mb / 68P
   Microcontroller Series for Industrial Applications
V1.7 2016-08
XMC4400 INFINEON-XMC4400 Datasheet
1Mb / 103P
   Microcontroller Series for Industrial Applications
V1.2 2015-12
XMC4100 INFINEON-XMC4100 Datasheet
1Mb / 94P
   Microcontroller Series for Industrial Applications
V1.3 2015-10
XMC1400AA INFINEON-XMC1400AA Datasheet
3Mb / 91P
   Microcontroller Series for Industrial Applications
V1.4 2017-11
XMC1300AB INFINEON-XMC1300AB Datasheet
1Mb / 78P
   Microcontroller Series for Industrial Applications
V1.7 2016-08
XMC4300 INFINEON-XMC4300 Datasheet
1Mb / 102P
   Microcontroller Series for Industrial Applications
V1.0 2016-02
XMC1200AB INFINEON-XMC1200AB Datasheet
1Mb / 76P
   Microcontroller Series for Industrial Applications
V1.7 2016-08
XMC4500 INFINEON-XMC4500 Datasheet
1Mb / 112P
   Microcontroller Series for Industrial Applications
V1.0 2013-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com