Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDF826ES4 Datasheet(PDF) 7 Page - Shoulder Electronics Limited.

Part # HDF826ES4
Description  This specification shall cover the characteristics of SAW filter With HDF826E used for the page
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF826ES4 Datasheet(HTML) 7 Page - Shoulder Electronics Limited.

  HDF826ES4 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF826ES4 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF826ES4 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF826ES4 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF826ES4 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF826ES4 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF826ES4 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF826ES4 Datasheet HTML 8Page - Shoulder Electronics Limited. HDF826ES4 Datasheet HTML 9Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SAW FILTER
HDF826E
SMD-4
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 7 of 9
7.3 Taping Structure
(1) The tape shall be wound around the reel in the direction shown below.
(2) Label
Device Name
User Product Name
Quantity
Lot No.
(3) Leader part and vacant position specifications.
8. TAPE SPECIFICATIONS
8.1 Tensile Strength of Carrier Tape: 4.4N/mm width
8.2 Top Cover Tape Adhesion (See the below figure)


Similar Part No. - HDF826ES4

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF820ANS6 SHOULDER-HDF820ANS6 Datasheet
179Kb / 9P
   The product shall be packed properly not to be damaged during transportation and storage
HDF821AF11 SHOULDER-HDF821AF11 Datasheet
112Kb / 5P
   Low-Loss SAW Filter of cordless system
HDF827AS6 SHOULDER-HDF827AS6 Datasheet
162Kb / 8P
   The product shall be packed properly not to be damaged during transportation and storage
More results

Similar Description - HDF826ES4

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF171S3 SHOULDER-HDF171S3 Datasheet
151Kb / 8P
   This specification shall cover the characteristics of SAW filter With F171 used for the page
HDF302AS3 SHOULDER-HDF302AS3 Datasheet
158Kb / 8P
   This specification shall cover the characteristics of SAW filter With HDF302A used for the page
HDF398AS4 SHOULDER-HDF398AS4 Datasheet
157Kb / 8P
   This specification shall cover the characteristics of SAW filter With F398A used for the page
HDF415CS3 SHOULDER-HDF415CS3 Datasheet
175Kb / 7P
   This specification shall cover the characteristics of SAW filter With F415 used for the page
HDF426ANF11 SHOULDER-HDF426ANF11 Datasheet
108Kb / 5P
   This specification shall cover the characteristics of SAW filter With F426AN used for the page
HDF428WS4 SHOULDER-HDF428WS4 Datasheet
169Kb / 8P
   This specification shall cover the characteristics of SAW filter With F428W used for the page
HDF440CS3 SHOULDER-HDF440CS3 Datasheet
177Kb / 8P
   This specification shall cover the characteristics of SAW filter With F440C used for the page
HDF450BS3 SHOULDER-HDF450BS3 Datasheet
167Kb / 8P
   This specification shall cover the characteristics of SAW filter With F450B used for the page
HDF455A1S4 SHOULDER-HDF455A1S4 Datasheet
158Kb / 8P
   This specification shall cover the characteristics of SAW filter With F455A1 used for the page
HDF458CS4 SHOULDER-HDF458CS4 Datasheet
157Kb / 8P
   This specification shall cover the characteristics of SAW filter With F458C used for the page
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com