Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC3610D Datasheet(PDF) 9 Page - Silan Microelectronics Joint-stock

Part # SC3610D
Description  FREQUENCY AND CLOCK DISPLAY DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC3610D Datasheet(HTML) 9 Page - Silan Microelectronics Joint-stock

Back Button SC3610D Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC3610D Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC3610D Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC3610D Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC3610D Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC3610D Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC3610D Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC3610D Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC3610D Datasheet HTML 13Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Silan
Semiconductors
SC3610
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
9
SUGGESTED APPLICATION
AM Local
Oscillator
Radio
Frequency
Receiver
FM Local
Oscillator
Clock
Buffer
Clock
Buffer
SC3610
11MHz 150MHz
FM Local Oscillator
Frequency
500kHz 30MHz
AM Local Oscillator
Frequency
AMIN
FMIN
TYPEICAL LCD LAYOUT
Counter Only Mode
PIN
COM1
COM2
COM3
1COM1
--
--
2--
COM2
--
3--
--
COM3
4kHz
MHz
S1
5AL
1C
1B
61D
1G
1A
7
DP1
1E
1F
8
DP2
2C
2B
92D
2G
2A
10
COL
2E
2F
11
AM
3C
3B
12
3D
3G
3A
13
--
3E
3F
14
FM
4C
4B
15
4D
4G
4A
16
PM
4E
4F
PIN16
COL
PIN1
DP2
DP1
S1


Similar Part No. - SC3610D

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC3610D FUMAN-SC3610D Datasheet
498Kb / 12P
   AM/FM frequency and clock display drive circuit
More results

Similar Description - SC3610D

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC3610 FUMAN-SC3610 Datasheet
498Kb / 12P
   AM/FM frequency and clock display drive circuit
logo
NEC
UPD2813C NEC-UPD2813C Datasheet
496Kb / 6P
   Clock And Radio Frequency Counter/Display Circuit CMOS LSI
logo
Silan Microelectronics ...
SC9638FP SILAN-SC9638FP Datasheet
833Kb / 13P
   CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
SC9638EP SILAN-SC9638EP Datasheet
859Kb / 13P
   CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
SC9697 SILAN-SC9697 Datasheet
303Kb / 9P
   CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
logo
Integrated Device Techn...
ICS97U870AKIT IDT-ICS97U870AKIT Datasheet
198Kb / 13P
   1.8V Wide Range Frequency Clock Driver
97U877AHLF IDT-97U877AHLF Datasheet
646Kb / 13P
   1.8V Wide Range Frequency Clock Driver
logo
Integrated Circuit Syst...
ICS93V857YL-025T ICST-ICS93V857YL-025T Datasheet
82Kb / 10P
   2.5V Wide Range Frequency Clock Driver
ICS97U877AHLF ICST-ICS97U877AHLF Datasheet
218Kb / 13P
   1.8V Wide Range Frequency Clock Driver
ICS97U877 ICST-ICS97U877 Datasheet
129Kb / 13P
   1.8V Wide Range Frequency Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com