Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC3610 Datasheet(PDF) 11 Page - Silan Microelectronics Joint-stock

Part # SC3610
Description  FREQUENCY AND CLOCK DISPLAY DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC3610 Datasheet(HTML) 11 Page - Silan Microelectronics Joint-stock

Back Button SC3610 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 14Page - Silan Microelectronics Joint-stock SC3610 Datasheet HTML 15Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Silan
Semiconductors
SC3610
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
11
TYPICAL APPLICATION CIRCUITS (1)
AMP
PRESCALER
DIV. BY 10
AMP
IF
OFFSET
FREQ
COUNTER
TIMMING CTL
M
U
X
CLOCK
LCD DRIVER
RANGE
IF70K
AM/FM-SEL
AMI
N
FMIN
AVDD VDD
RST
VLCD
CLKFREQ-SEL
AL-SIG
AL-OUT
20pF
20pF
32.768kHz
10uf
10nf
4 - DIGITS LCD DISPLAY
VDD
12
34
5678
9
10 11 12 13 14 15 16
0.1
µF
0.1
µF
4.7k
1M
VDD


Similar Part No. - SC3610

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC3610 FUMAN-SC3610 Datasheet
498Kb / 12P
   AM/FM frequency and clock display drive circuit
SC3610A FUMAN-SC3610A Datasheet
498Kb / 12P
   AM/FM frequency and clock display drive circuit
SC3610B FUMAN-SC3610B Datasheet
498Kb / 12P
   AM/FM frequency and clock display drive circuit
SC3610C FUMAN-SC3610C Datasheet
498Kb / 12P
   AM/FM frequency and clock display drive circuit
SC3610D FUMAN-SC3610D Datasheet
498Kb / 12P
   AM/FM frequency and clock display drive circuit
More results

Similar Description - SC3610

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC3610 FUMAN-SC3610 Datasheet
498Kb / 12P
   AM/FM frequency and clock display drive circuit
logo
NEC
UPD2813C NEC-UPD2813C Datasheet
496Kb / 6P
   Clock And Radio Frequency Counter/Display Circuit CMOS LSI
logo
Silan Microelectronics ...
SC9638FP SILAN-SC9638FP Datasheet
833Kb / 13P
   CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
SC9638EP SILAN-SC9638EP Datasheet
859Kb / 13P
   CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
SC9697 SILAN-SC9697 Datasheet
303Kb / 9P
   CD SERVO CONTROLLER WITH MCU (WITH CLOCK AND RADIO FREQUENCY DISPLAY)
logo
Integrated Device Techn...
ICS97U870AKIT IDT-ICS97U870AKIT Datasheet
198Kb / 13P
   1.8V Wide Range Frequency Clock Driver
97U877AHLF IDT-97U877AHLF Datasheet
646Kb / 13P
   1.8V Wide Range Frequency Clock Driver
logo
Integrated Circuit Syst...
ICS93V857YL-025T ICST-ICS93V857YL-025T Datasheet
82Kb / 10P
   2.5V Wide Range Frequency Clock Driver
ICS97U877AHLF ICST-ICS97U877AHLF Datasheet
218Kb / 13P
   1.8V Wide Range Frequency Clock Driver
ICS97U877 ICST-ICS97U877 Datasheet
129Kb / 13P
   1.8V Wide Range Frequency Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com