Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

970800321 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 970800321
Description  AsSSTII Steel Spacer Stud with Metric Thread, internal/internal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

970800321 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  970800321 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 970800321 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 /1
2015-03-09
970 xxx xx1
Steel
S.Klingler
Released
AsSSTII
Steel Spacer Stud with Metric
Thread, internal/internal
xxx xxx xxx xxx xxx xxx
D. Fandrey
5 : 1
SCALE
SIZE
DESCRIPTION
STATUS
PROJECTION
METHOD
PAGE
DATE
ORDER CODE
MATERIAL
CHECKED
CREATED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Innductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
com. +49 79 42 945 - 0
www.we-online.de
eiSos@we-online.de
GENERAL TOLERANCE
BUSINESS UNIT
eiCan
DIN ISO 2768-1m
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is
especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation
(automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.
Surface coating: Gloss zinc-plated
Ti
A
A
Order
Code
L
(mm)
Thread
Size
Wrench
Size
970050151
5
M 2,5
SW 5
970060151
6
M 2,5
SW 5
970070151
7
M 2,5
SW 5
970080151
8
M 2,5
SW 5
970090151
9
M 2,5
SW 5
970100151
10
M 2,5
SW 5
970110151
11
M 2,5
SW 5
970120151
12
M 2,5
SW 5
970050351
5
M 3
SW 5
970100351
10
M 3
SW 5
970150351
15
M 3
SW 5
970200351
20
M 3
SW 5
970050321
5
M 3
SW 5.5
970060321
6
M 3
SW 5.5
970070321
7
M 3
SW 5.5
970080321
8
M 3
SW 5.5
970090321
9
M 3
SW 5.5
970100321
10
M 3
SW 5.5
970110321
11
M 3
SW 5.5
970120321
12
M 3
SW 5.5
970130321
13
M 3
SW 5.5
970140321
14
M 3
SW 5.5
970150321
15
M 3
SW 5.5
970050361
5
M 3
SW 6
970060361
6
M 3
SW 6
970070361
7
M 3
SW 6
970080361
8
M 3
SW 6
970090361
9
M 3
SW 6
970100361
10
M 3
SW 6
970110361
11
M 3
SW 6
970120361
12
M 3
SW 6
970130361
13
M 3
SW 6
970140361
14
M 3
SW 6
970150361
15
M 3
SW 6
970050471
5
M 4
SW 7
970080471
8
M 4
SW 7
970100471
10
M 4
SW 7
970120471
12
M 4
SW 7
970130471
13
M 4
SW 7
970150471
15
M 4
SW 7
970160471
16
M 4
SW 7
970170471
17
M 4
SW 7
970180471
18
M 4
SW 7
970200471
20
M 4
SW 7
970080481
8
M 4
SW 8
970100481
10
M 4
SW 8
970120481
12
M 4
SW 8
970150481
15
M 4
SW 8
970080581
8
M 5
SW 8
970100581
10
M 5
SW 8
970120581
12
M 5
SW 8
970130581
13
M 5
SW 8
970150581
15
M 5
SW 8
970160581
16
M 5
SW 8
970170581
17
M 5
SW 8
970180581
18
M 5
SW 8
970200581
20
M 5
SW 8
970100611
10
M6
SW 10


Similar Part No. - 970800321

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
9708 FESTO-9708 Datasheet
54Kb / 1P
   Memory module
logo
Belden Inc.
9708 BELDEN-9708 Datasheet
146Kb / 2P
   Speaker Cable, 2 Conductor 18 AWG, High Conductivity, Siamese
12-20-2022
9708-3681000 BELDEN-9708-3681000 Datasheet
146Kb / 2P
   Speaker Cable, 2 Conductor 18 AWG, High Conductivity, Siamese
12-20-2022
9708-368500 BELDEN-9708-368500 Datasheet
146Kb / 2P
   Speaker Cable, 2 Conductor 18 AWG, High Conductivity, Siamese
12-20-2022
9708-368U1000 BELDEN-9708-368U1000 Datasheet
146Kb / 2P
   Speaker Cable, 2 Conductor 18 AWG, High Conductivity, Siamese
12-20-2022
More results

Similar Description - 970800321

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
9774055151R WURTH-9774055151R Datasheet
464Kb / 5P
   WA-SMSI SMT Steel Spacer with internal Thread
2020-04-30
971XX0XX1 WURTH-971XX0XX1 Datasheet
74Kb / 2P
   AsSSTIE Steel Spacer Stud Metric Thread int./ext.
9775096360 WURTH-9775096360 Datasheet
274Kb / 5P
   WA-SMSR SMD Steel Spacer Reverse with internal Thread M3
9775026360 WURTH-9775026360 Datasheet
274Kb / 5P
   WA-SMSR SMD Steel Spacer Reverse with internal Thread M3
9775046360 WURTH-9775046360 Datasheet
274Kb / 5P
   WA-SMSR SMD Steel Spacer Reverse with internal Thread M3
9775051360 WURTH-9775051360 Datasheet
274Kb / 5P
   WA-SMSR SMD Steel Spacer Reverse with internal Thread M3
9775086360 WURTH-9775086360 Datasheet
274Kb / 5P
   WA-SMSR SMD Steel Spacer Reverse with internal Thread M3
9775036360 WURTH-9775036360 Datasheet
274Kb / 5P
   WA-SMSR SMD Steel Spacer Reverse with internal Thread M3
9775076360 WURTH-9775076360 Datasheet
274Kb / 5P
   WA-SMSR SMD Steel Spacer Reverse with internal Thread M3
9775031360 WURTH-9775031360 Datasheet
274Kb / 5P
   WA-SMSR SMD Steel Spacer Reverse with internal Thread M3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com