Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V048F480T006A Datasheet(PDF) 4 Page - Vicor Corporation

Part # V048F480T006A
Description  High Efficiency, Sine Amplitude Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048F480T006A Datasheet(HTML) 4 Page - Vicor Corporation

  V048F480T006A Datasheet HTML 1Page - Vicor Corporation V048F480T006A Datasheet HTML 2Page - Vicor Corporation V048F480T006A Datasheet HTML 3Page - Vicor Corporation V048F480T006A Datasheet HTML 4Page - Vicor Corporation V048F480T006A Datasheet HTML 5Page - Vicor Corporation V048F480T006A Datasheet HTML 6Page - Vicor Corporation V048F480T006A Datasheet HTML 7Page - Vicor Corporation V048F480T006A Datasheet HTML 8Page - Vicor Corporation V048F480T006A Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
VTM® Current Multiplier
Rev 1.0
vicorpower.com
Page 4 of 18
01/2014
800 927.9474
V048x480y006A
SIGNAL TYPE
STATE
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
MIN
TYP
MAX UNIT
TM voltage
VTM_AMB
TJ controller = 27°C
2.95
3.00
3.05
V
ANALOG
TM source current
ITM
100
µA
OUTPUT
Steady
TM gain
ATM
10
mV/°C
TM voltage ripple
VTM_PP
CTM = 0 F, VIN = 48 V,
120
200
mV
IOUT = 6.3 A
Disable
TM voltage
VTM_DIS
0V
DIGITAL OUTPUT
TM resistance (internal)
RTM_INT
Internal pull down resistor
25
40
50
k
Ω
Transitional
TM capacitance (external)
CTM_EXT
50
pF
(FAULT FLAG)
TM fault response time
TFR_TM
From fault to TM = 1.5 V
10
µs
• The TM pin monitors the internal temperature of the VTM controller IC
within an accuracy of ±5°C.
• Can be used as a "Power Good" flag to verify that the VTM is operating.
• The TM pin has a room temperature setpoint of 3 V
and approximate gain of 10 mV/°C.
• Output drives Temperature Shutdown comparator
TEMPERATURE MONITOR : TM
4.0 TIMING DIAGRAM
1
2
7
VIN
1. Initiated VC pulse
2. Controller start
3. VIN ramp up
4. VIN = VOVLO
5. VIN ramp down no VC pulse
6. Overcurrent
7. Start up on short circuit
8. PC driven low
VOUT
PC
3 V
VC
NL
5 V
VOVLO
TM
VTM-AMB
c
Notes:
– Timing and voltage is not to scale
– Error pulse width is load dependent
a: VC slew rate (dVC/dt)
b: Minimum VC pulse rate
c: TOVLO
d: TOCP
e: Output turn on delay (TON)
f: PC disable time (TPC_DIS_T)
g: VC to PC delay (TVC_PC)
d
ISSP
IOUT
IOCP
VVC-EXT
3
4
5
6
a
b
8
g
e
f
≥ 26 V


Similar Part No. - V048F480T006A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F480T006 VICOR-V048F480T006 Datasheet
637Kb / 14P
   VI Chip - PRM-AL Pre-Regulator Module
V048F480T006 VICOR-V048F480T006 Datasheet
408Kb / 14P
   VI Chip - PRM-AL Pre-Regulator Module
V048F480T006 VICOR-V048F480T006 Datasheet
481Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048F480T006 VICOR-V048F480T006 Datasheet
1Mb / 11P
   VTM Current Multiplier
V048F480T006 VICOR-V048F480T006 Datasheet
570Kb / 2P
   PRM Regulator and VTM Current Multiplier
More results

Similar Description - V048F480T006A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VTM48EX020Y080A00 VICOR-VTM48EX020Y080A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
VTM48EX240Y012A00 VICOR-VTM48EX240Y012A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
MVTM36BF022M055A00 VICOR-MVTM36BF022M055A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF240M005A00 VICOR-MVTM36BF240M005A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
VTM48EX080Y030A00 VICOR-VTM48EX080Y030A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
MVTM36BF015M080A00 VICOR-MVTM36BF015M080A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF090M013A00 VICOR-MVTM36BF090M013A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BH090M010A00 VICOR-MVTM36BH090M010A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
VTM48EX012Y130A00 VICOR-VTM48EX012Y130A00 Datasheet
539Kb / 17P
   High Efficiency, Sine Amplitude Converter
VTM48EX060Y040A00 VICOR-VTM48EX060Y040A00 Datasheet
816Kb / 20P
   High Efficiency, Sine Amplitude Converter?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com