Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V048T240M012A Datasheet(PDF) 11 Page - Vicor Corporation

Part # V048T240M012A
Description  High Efficiency, Sine Amplitude Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048T240M012A Datasheet(HTML) 11 Page - Vicor Corporation

Back Button V048T240M012A Datasheet HTML 7Page - Vicor Corporation V048T240M012A Datasheet HTML 8Page - Vicor Corporation V048T240M012A Datasheet HTML 9Page - Vicor Corporation V048T240M012A Datasheet HTML 10Page - Vicor Corporation V048T240M012A Datasheet HTML 11Page - Vicor Corporation V048T240M012A Datasheet HTML 12Page - Vicor Corporation V048T240M012A Datasheet HTML 13Page - Vicor Corporation V048T240M012A Datasheet HTML 14Page - Vicor Corporation V048T240M012A Datasheet HTML 15Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Not Recommended for New Designs
VTMCurrent Multiplier
Rev 1.2
vicorpower.com
Page 11 of 18
09/2015
800 927.9474
V048x240y012A
11.0 SINE AMPLITUDE CONVERTERTM POINT OF LOAD CONVERSION
The Sine Amplitude Converter (SAC) uses a high frequency
resonant tank to move energy from input to output. (The
resonant tank is formed by Cr and leakage inductance Lr in the
power transformer windings as shown in the VTM module
Block Diagram. See Section 10). The resonant LC tank,
operated at high frequency, is amplitude modulated as a
function of input voltage and output current. A small amount
of capacitance embedded in the input and output stages of
the module is sufficient for full functionality and is key to
achieving power density.
The V048x240y012A SAC can be simplified into the following
model:
At no load:
VOUT = VIN K
(1)
K represents the “turns ratio” of the SAC.
Rearranging Eq (1):
K=
VOUT
(2)
VIN
In the presence of load, VOUT is represented by:
VOUT = VIN K – IOUT ROUT
(3)
and IOUT is represented by:
IOUT =
IIN –IQ
(4)
K
ROUT represents the impedance of the SAC, and is a function of
the RDSON of the input and output MOSFETs and the winding
resistance of the power transformer. IQ represents the
quiescent current of the SAC control and gate drive circuitry.
The use of DC voltage transformation provides additional
interesting attributes. Assuming that ROUT = 0 Ω and IQ = 0 A,
Eq. (3) now becomes Eq. (1) and is essentially load
independent, resistor R is now placed in series with VIN as
shown in Figure 15.
The relationship between VIN and VOUT becomes:
VOUT = (VIN –IIN R) K
(5)
Substituting the simplified version of Eq. (4)
(IQ is assumed = 0 A) into Eq. (5) yields:
VOUT = VIN K – IOUT R K2
(6)
+
+
VOUT
COUT
VIN
V•I
K
+
+
CIN
IOUT
RCOUT
IQ
ROUT
RCIN
123 mA
1/2 • IOUT
1/2 • VIN
43.4 m
Ω
RCIN
2.2 m
Ω
2000 pH
0.006
Ω
RCOUT
417 µ
Ω
12 µF
LOUT = 600 pH
2 µF
IQ
LIN = 0.6 nH
IOUT
ROUT
VIN
VOUT
R
SAC
K = 1/32
Vin
Vout
+
VIN
VOUT
R
SAC™
K = 1/32
Figure 15 — K = 1/32 Sine Amplitude Converter™
with series input resistor
Figure 14 — VI Chip® module AC model
COUT
CIN


Similar Part No. - V048T240M012A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048T240M012 VICOR-V048T240M012 Datasheet
979Kb / 11P
   VTM Current Multiplier
More results

Similar Description - V048T240M012A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VTM48EX020Y080A00 VICOR-VTM48EX020Y080A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
VTM48EX240Y012A00 VICOR-VTM48EX240Y012A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
MVTM36BF022M055A00 VICOR-MVTM36BF022M055A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF240M005A00 VICOR-MVTM36BF240M005A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
V048X480Y006A VICOR-V048X480Y006A Datasheet
1Mb / 18P
   High Efficiency, Sine Amplitude Converter
VTM48EX080Y030A00 VICOR-VTM48EX080Y030A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
MVTM36BF015M080A00 VICOR-MVTM36BF015M080A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF090M013A00 VICOR-MVTM36BF090M013A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BH090M010A00 VICOR-MVTM36BH090M010A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
VTM48EX012Y130A00 VICOR-VTM48EX012Y130A00 Datasheet
539Kb / 17P
   High Efficiency, Sine Amplitude Converter
VTM48EX060Y040A00 VICOR-VTM48EX060Y040A00 Datasheet
816Kb / 20P
   High Efficiency, Sine Amplitude Converter?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com