Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V048F060T040A Datasheet(PDF) 5 Page - Vicor Corporation

Part # V048F060T040A
Description  High Efficiency, Sine Amplitude Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V048F060T040A Datasheet(HTML) 5 Page - Vicor Corporation

  V048F060T040A Datasheet HTML 1Page - Vicor Corporation V048F060T040A Datasheet HTML 2Page - Vicor Corporation V048F060T040A Datasheet HTML 3Page - Vicor Corporation V048F060T040A Datasheet HTML 4Page - Vicor Corporation V048F060T040A Datasheet HTML 5Page - Vicor Corporation V048F060T040A Datasheet HTML 6Page - Vicor Corporation V048F060T040A Datasheet HTML 7Page - Vicor Corporation V048F060T040A Datasheet HTML 8Page - Vicor Corporation V048F060T040A Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
NotRecommendedforNewDesigns
VTM® Current Multiplier
Rev 1.0
vicorpower.com
Page 5 of 18
01/2014
800 927.9474
V048x060y040A
5.0 APPLICATION CHARACTERISTICS
The following values, typical of an application environment, are collected at TC = 25ºC unless otherwise noted. See associated figures
for general trend data.
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
TYP
UNIT
No load power dissipation
PNL
VIN = 48 V, PC enabled
2.7
W
Efficiency (ambient)
hAMB
VIN = 48 V, IOUT = 40 A
95.1
%
Efficiency (hot)
hHOT
VIN = 48 V, IOUT = 40 A, TC = 100ºC
94.6
%
Output resistance (cold)
ROUT_COLD
VIN = 48 V, IOUT = 40 A, TC = -40ºC
4.9
m
Ω
Output resistance (ambient)
ROUT_AMB
VIN = 48 V, IOUT = 40 A
5.8
m
Ω
Output resistance (hot)
ROUT_HOT
VIN = 48 V, IOUT = 40 A, TC = 100ºC
6.8
m
Ω
Output voltage ripple
VOUT_PP
COUT = 0 F, IOUT = 40 A, VIN = 48 V,
243
mV
20 MHz BW, Section 12
VOUT transient (positive)
VOUT_TRAN+
IOUT_STEP = 0 A TO 40 A, VIN = 48 V,
750
mV
ISLEW = 4 A /us
VOUT transient (negative)
VOUT_TRAN-
IOUT_STEP = 40 A to 0 A, VIN = 48 V
750
mV
ISLEW = 0 A /us
26
29
32
35
38
41
43
46
49
52
55
No Load Power Dissipation vs. Line
Input Voltage (V)
-40°C
25°C
100°C
T
:
CASE
1
2
3
4
5
6
7
Full Load Efficiency vs. T
CASE
Case Temperature (C)
26 V
48 V
55 V
V
:
IN
86
88
90
92
94
96
-40
-20
0
20
40
60
80
100
Efficiency & Power Dissipation -40°C Case
Load Current (A)
26 V
48 V
55 V
V :
IN
26 V
48 V
55 V
0
5
10
15
20
25
30
72
76
80
84
88
92
96
0
5
10
15
20
25
30
35
40
PD
Efficiency & Power Dissipation 25°C Case
Load Current (A)
26 V
48 V
55 V
V :
IN
26 V
48 V
55 V
0
5
10
15
20
25
30
35
40
0
4
8
12
16
20
24
72
76
80
84
88
92
96
PD
Figure 1 — No load power dissipation vs. VIN
Figure 2 — Full load efficiency vs. temperature
Figure 3 — Efficiency and power dissipation at –40°C
Figure 4 — Efficiency and power dissipation at 25°C


Similar Part No. - V048F060T040A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V048F060T040 VICOR-V048F060T040 Datasheet
637Kb / 14P
   VI Chip - PRM-AL Pre-Regulator Module
V048F060T040 VICOR-V048F060T040 Datasheet
408Kb / 14P
   VI Chip - PRM-AL Pre-Regulator Module
V048F060T040 VICOR-V048F060T040 Datasheet
473Kb / 15P
   VI Chip - VTM Voltage Transformation Module
V048F060T040 VICOR-V048F060T040 Datasheet
1,010Kb / 11P
   VTM Current Multiplier
V048F060T040 VICOR-V048F060T040 Datasheet
570Kb / 2P
   PRM Regulator and VTM Current Multiplier
More results

Similar Description - V048F060T040A

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VTM48EX020Y080A00 VICOR-VTM48EX020Y080A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
VTM48EX240Y012A00 VICOR-VTM48EX240Y012A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
MVTM36BF022M055A00 VICOR-MVTM36BF022M055A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF240M005A00 VICOR-MVTM36BF240M005A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
V048X480Y006A VICOR-V048X480Y006A Datasheet
1Mb / 18P
   High Efficiency, Sine Amplitude Converter
VTM48EX080Y030A00 VICOR-VTM48EX080Y030A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
MVTM36BF015M080A00 VICOR-MVTM36BF015M080A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BF090M013A00 VICOR-MVTM36BF090M013A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
MVTM36BH090M010A00 VICOR-MVTM36BH090M010A00 Datasheet
2Mb / 31P
   High Efficiency, Sine Amplitude Converter
VTM48EX012Y130A00 VICOR-VTM48EX012Y130A00 Datasheet
539Kb / 17P
   High Efficiency, Sine Amplitude Converter
VTM48EX060Y040A00 VICOR-VTM48EX060Y040A00 Datasheet
816Kb / 20P
   High Efficiency, Sine Amplitude Converter?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com