Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1010 Datasheet(PDF) 1 Page - NEC

Part # 2SA1010
Description  SILICON POWER TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SA1010 Datasheet(HTML) 1 Page - NEC

  2SA1010 Datasheet HTML 1Page - NEC 2SA1010 Datasheet HTML 2Page - NEC 2SA1010 Datasheet HTML 3Page - NEC 2SA1010 Datasheet HTML 4Page - NEC 2SA1010 Datasheet HTML 5Page - NEC 2SA1010 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Document No. D16118EJ2V0DS00
Date Published April 2002 N CP(K)
Printed in Japan
SILICON POWER TRANSISTOR
2SA1010
PNP SILICON EPITAXIAL TRANSISTOR
FOR HIGH-VOLTAGE HIGH-SPEED SWITCHING
DATA SHEET
©
2002
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
The 2SA1010 is a mold power transistor developed for high-
voltage high-speed switching, and is ideal for use as a driver in
devices such as switching regulators, DC/DC converters, and high-
frequency power amplifiers.
FEATURES
• Low collector saturation voltage
• Fast switching speed
• Complementary transistor: 2SC2334
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
−100
V
Collector to emitter voltage
VCEO
−100
V
Emitter to base voltage
VEBO
−7.0
V
Collector current (DC)
IC(DC)
−7.0
A
Collector current (pulse)
IC(pulse)*
−15
A
Base current (DC)
IB(DC)
−3.5
A
Total power dissipation
PT (Tc = 25
°C)
40
W
Total power dissipation
PT (Ta = 25
°C)
1.5
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
*PW
≤ 300
µs, duty cycle ≤ 10%
PACKAGE DRAWING (UNIT: mm)
Pin Connection


Similar Part No. - 2SA1010

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA1010 ISC-2SA1010 Datasheet
164Kb / 3P
   isc Silicon PNP Power Transistor
logo
Savantic, Inc.
2SA1010 SAVANTIC-2SA1010 Datasheet
141Kb / 5P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1010 JMNIC-2SA1010 Datasheet
180Kb / 5P
   Silicon PNP Power Transistors
logo
Renesas Technology Corp
2SA1010 RENESAS-2SA1010 Datasheet
242Kb / 8P
   SILICON POWER TRANSISTOR
logo
Quanzhou Jinmei Electro...
2SA1010 JMNIC-2SA1010 Datasheet
180Kb / 5P
   Silicon PNP Power Transistors
More results

Similar Description - 2SA1010

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
2N3441 COMSET-2N3441 Datasheet
98Kb / 2P
   SILICON POWER TRANSISTOR
logo
Renesas Technology Corp
2SB1669 RENESAS-2SB1669_15 Datasheet
262Kb / 8P
   SILICON POWER TRANSISTOR
2SC2334 RENESAS-2SC2334_15 Datasheet
239Kb / 8P
   SILICON POWER TRANSISTOR
2SD2162 RENESAS-2SD2162_15 Datasheet
235Kb / 8P
   SILICON POWER TRANSISTOR
logo
NEC
2SC2331 NEC-2SC2331 Datasheet
265Kb / 6P
   Silicon Power Transistor
2SC4342 NEC-2SC4342 Datasheet
56Kb / 8P
   Silicon Power Transistor
logo
Renesas Technology Corp
2SD1164-Z RENESAS-2SD1164-Z Datasheet
1Mb / 6P
   SILICON POWER TRANSISTOR
2SA1385-Z RENESAS-2SA1385-Z Datasheet
796Kb / 6P
   SILICON POWER TRANSISTOR
2SA1744 RENESAS-2SA1744 Datasheet
269Kb / 8P
   SILICON POWER TRANSISTOR
2SB1431 RENESAS-2SB1431 Datasheet
257Kb / 8P
   SILICON POWER TRANSISTOR
2SC3632-Z RENESAS-2SC3632-Z Datasheet
895Kb / 7P
   SILICON POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com