Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA4993H Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SAA4993H
Description  Field and line rate converter with noise reduction
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA4993H Datasheet(HTML) 4 Page - NXP Semiconductors

  SAA4993H Datasheet HTML 1Page - NXP Semiconductors SAA4993H Datasheet HTML 2Page - NXP Semiconductors SAA4993H Datasheet HTML 3Page - NXP Semiconductors SAA4993H Datasheet HTML 4Page - NXP Semiconductors SAA4993H Datasheet HTML 5Page - NXP Semiconductors SAA4993H Datasheet HTML 6Page - NXP Semiconductors SAA4993H Datasheet HTML 7Page - NXP Semiconductors SAA4993H Datasheet HTML 8Page - NXP Semiconductors SAA4993H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
MHC054
COMPRESS
DYNAMIC
NOISE
REDUCTION
MUX
SPM
TPM
ESM
MUX
FIELD MEMORY 2
YB7 to YB0
151, 152,
154 to 159
YC0 to YC7
2 to 9
DECOMPRESS
SAA4993H
61 to 68
45 to 52
YF7 to YF0
YG7 to YG0
YA0 to YA7
MPR
LEFT
UPCONVERSION
DE-INTERLACER
SNERT
INTERFACE
MOTION ESTIMATOR
MPR
RIGHT
82 to 89
27
SNCL
26
SNDA
25
SNRST
BST/ TEST
35
vectors
vectors
TCK
34
TDO
33
TDI
32
TMS
31
TRST
30
TE
79
CLK32
CONTROL
SEQUENCER
FIELD MEMORY 3
YD7 to YD0
111, 112,
114 to 119
YE0 to YE7
122 to 129
VERTICAL
ZOOM
VERTICAL
PEAKING
Fig.1 Block diagram of the luminance part.
The solid lines represent pixel data; the broken lines represent controls.


Similar Part No. - SAA4993H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA4990 PHILIPS-SAA4990 Datasheet
193Kb / 28P
   Progressive scan-Zoom and Noise reduction IC PROZONIC
1996 Oct 25
SAA4990H PHILIPS-SAA4990H Datasheet
193Kb / 28P
   Progressive scan-Zoom and Noise reduction IC PROZONIC
1996 Oct 25
SAA4992 PHILIPS-SAA4992 Datasheet
131Kb / 36P
   Field and line rate converter with noise reduction
2000 Feb 04
SAA4992H PHILIPS-SAA4992H Datasheet
131Kb / 36P
   Field and line rate converter with noise reduction
2000 Feb 04
SAA4994H PHILIPS-SAA4994H Datasheet
147Kb / 40P
   Field and line rate converter with noise reduction
2001 Nov 23
More results

Similar Description - SAA4993H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA4994H PHILIPS-SAA4994H Datasheet
147Kb / 40P
   Field and line rate converter with noise reduction
2001 Nov 23
SAA4992H PHILIPS-SAA4992H Datasheet
131Kb / 36P
   Field and line rate converter with noise reduction
2000 Feb 04
SAA4998H PHILIPS-SAA4998H Datasheet
175Kb / 39P
   Field and line rate converter with noise reduction and embedded memory
2004 Feb 18
SAA4979H PHILIPS-SAA4979H Datasheet
224Kb / 52P
   Sample rate converter with embedded high quality dynamic noise reduction and expansion port
2002 May 28
logo
OKI electronic componet...
ML87V2104 OKI-ML87V2104 Datasheet
126Kb / 13P
   Video Signal Noise Reduction and Field Rate Conversion IC with a Built-in 4M Bit Field Memory
ML87V2103 OKI-ML87V2103 Datasheet
127Kb / 14P
   Video Signal Noise Reduction and Rate Conversion IC with a Built-in 3.9 Mbit Field Memory
logo
NXP Semiconductors
SAA4956TJ PHILIPS-SAA4956TJ Datasheet
243Kb / 36P
   2.9-Mbit field memory with noise reduction
1998 Dec 08
SAA4945H PHILIPS-SAA4945H Datasheet
116Kb / 20P
   LIne MEmory noise Reduction IC LIMERIC
1997 Jun 10
logo
List of Unclassifed Man...
IS1800HG ETC2-IS1800HG Datasheet
519Kb / 4P
   Isolation Transformer - Medical Grade line noise reduction and spike suppression
IS1000HG ETC2-IS1000HG Datasheet
511Kb / 4P
   Isolation Transformer - Medical Grade line noise reduction and spike suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com