Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBM6123T46C15A6T01 Datasheet(PDF) 3 Page - Vicor Corporation

Part # NBM6123T46C15A6T01
Description  Non-Isolated, Fixed Ratio DC-DC Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

NBM6123T46C15A6T01 Datasheet(HTML) 3 Page - Vicor Corporation

  NBM6123T46C15A6T01 Datasheet HTML 1Page - Vicor Corporation NBM6123T46C15A6T01 Datasheet HTML 2Page - Vicor Corporation NBM6123T46C15A6T01 Datasheet HTML 3Page - Vicor Corporation NBM6123T46C15A6T01 Datasheet HTML 4Page - Vicor Corporation NBM6123T46C15A6T01 Datasheet HTML 5Page - Vicor Corporation NBM6123T46C15A6T01 Datasheet HTML 6Page - Vicor Corporation NBM6123T46C15A6T01 Datasheet HTML 7Page - Vicor Corporation NBM6123T46C15A6T01 Datasheet HTML 8Page - Vicor Corporation NBM6123T46C15A6T01 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
NBMBus Converter
Rev 1.3
vicorpower.com
Page 3 of 26
09/2016
800 927.9474
NBM6123x46C15A6yzz
Pin Configuration
1
2
A
B
C
D
E
F
G
H
+V
PRI
+V
SEC
TOP VIEW
6123 ChiP Package
I
PGND1
PGND1
+V
SEC
+V
SEC
PGND1
+V
SEC
PGND1
+V
PRI
J
+V
PRI
K
+V
PRI
L
A’
B’
C’
D’
E’
F’
G’
H’
I’
J’
K’
L’
+V
SEC
PGND2
PGND2
+V
SEC
+V
SEC
PGND2
+V
SEC
PGND2
SGND
TM
EN
VAUX
Pin Descriptions
Pin Number
Signal Name
Type
Function
I1, J1, K1, L1
+VPRI
PRIMARY POWER
Positive primary auto-transformer power terminal
I’2
TM
OUTPUT
Temperature Monitor; Primary side referenced signals
J’2
EN
INPUT
Enables and disables power supply; Primary side referenced signals
K’2
VAUX
OUTPUT
Auxilary Voltage Source; Primary side referenced signals
L’2
SGND
SIGNAL RETURN
Signal return terminal only. Do not connect to PGND
A1, D1, E1, H1, A’2,
D’2, E’2, H’2
+VSEC
SECONDARY
POWER
Positive secondary auto-transformer power terminal
B1, C1, F1, G1
B’2, C’2, F’2, G’2
PGND*
POWER RETURN
Common negative primary and secondary auto-transformer power return terminal
*For proper operation an external low impedance connection must be made between listed -PGND1 and PGND2 terminals.


Similar Part No. - NBM6123T46C15A6T01

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
NBM6123T46C15A6T01 VICOR-NBM6123T46C15A6T01 Datasheet
2Mb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
More results

Similar Description - NBM6123T46C15A6T01

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
NBM3814X60E12A7YZZ VICOR-NBM3814X60E12A7YZZ Datasheet
900Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM2317S60E1560T0R VICOR-NBM2317S60E1560T0R Datasheet
932Kb / 31P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM6123X60E12A7YZZ VICOR-NBM6123X60E12A7YZZ Datasheet
912Kb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM6123T46C15A6T0R VICOR-NBM6123T46C15A6T0R Datasheet
2Mb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM3814X46C15A6YZZ VICOR-NBM3814X46C15A6YZZ Datasheet
916Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM3814B60E12A7C00 VICOR-NBM3814B60E12A7C00 Datasheet
900Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM6123T60E12A7T0R VICOR-NBM6123T60E12A7T0R Datasheet
2Mb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM3814B46C15A6C00 VICOR-NBM3814B46C15A6C00 Datasheet
916Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com