Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBM6123S46C15A6T00 Datasheet(PDF) 6 Page - Vicor Corporation

Part # NBM6123S46C15A6T00
Description  Non-Isolated, Fixed Ratio DC-DC Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

NBM6123S46C15A6T00 Datasheet(HTML) 6 Page - Vicor Corporation

Back Button NBM6123S46C15A6T00 Datasheet HTML 2Page - Vicor Corporation NBM6123S46C15A6T00 Datasheet HTML 3Page - Vicor Corporation NBM6123S46C15A6T00 Datasheet HTML 4Page - Vicor Corporation NBM6123S46C15A6T00 Datasheet HTML 5Page - Vicor Corporation NBM6123S46C15A6T00 Datasheet HTML 6Page - Vicor Corporation NBM6123S46C15A6T00 Datasheet HTML 7Page - Vicor Corporation NBM6123S46C15A6T00 Datasheet HTML 8Page - Vicor Corporation NBM6123S46C15A6T00 Datasheet HTML 9Page - Vicor Corporation NBM6123S46C15A6T00 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
NBMBus Converter
Rev 1.3
vicorpower.com
Page 6 of 26
09/2016
800 927.9474
NBM6123x46C15A6yzz
Electrical Specifications (Cont.)
Specifications apply over all line and load conditions, unless otherwise noted;
Boldface specifications apply over the temperature range of -40°C ≤ TINTERNAL
≤ 125°C (T-Grade); All other specifications are at TINTERNAL = 25ºC unless otherwise noted.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
General Powetrain PRIMARY to SECONDARY Specification (Forward Direction) Cont.
Effective Primary Capacitance
(Internal)
CPRI_INT
Effective Value at 42VPRI_DC
16.8
µF
Effective Secondary Capacitance
(Internal)
CSEC_INT
Effective Value at 14VSEC_DC
140
µF
Effective Secondary Output
Capacitance (External)
CSEC_OUT_EXT
Excessive capacitance may drive module into SC
protection
3000
µF
Effective Secondary Output
Capacitance (External)
CSEC_OUT_AEXT
CSEC_OUT_AEXT Max = N * 0.5 * CSEC_OUT_EXT MAX, where
N = the number of units in parallel
Protection PRIMARY to SECONDARY (Forward Direction)
Auto Restart Time
tAUTO_RESTART
Startup into a persistent fault condition. Non-Latching
fault detection given VPRI_DC > VPRI_UVLO+
940
1010
ms
Primary Overvoltage Lockout
Threshold
VPRI_OVLO+
48
50
52
V
Primary Overvoltage Recovery
Threshold
VPRI_OVLO-
46
48
50
V
Primary Overvoltage Lockout
Hysteresis
VPRI_OVLO_HYST
2
V
Primary Overvoltage Lockout
Response Time
tPRI_OVLO
30
µs
Primary Undervoltage Lockout
Threshold
VPRI_UVLO-
28
30
32
V
Primary Undervoltage Recovery
Threshold
VPRI_UVLO+
30
32
34
V
Primary Undervoltage Lockout
Hysteresis
VPRI_UVLO_HYST
2
V
Primary Undervoltage Lockout
Response Time
tPRI_UVLO
100
µs
Primary Undervoltage Startup Delay
tPRI_UVLO+_DELAY
From VPRI_DC = VPRI_UVLO+ to powertrain active, EN
floating, (i.e One time Startup delay from application
of VPRI_DC to VSEC_DC)
30
ms
Primary Soft-Start Time
tPRI_SOFT-START
From powertrain active. Fast Current limit protection
disabled during Soft-Start
1
ms
Secondary Output Overcurrent Trip
Threshold
ISEC_OUT_OCP
177
200
240
A
Secondary Output Overcurrent
Response Time Constant
tSEC_OUT_OCP
Effective internal RC filter
4
ms
Secondary Output Short Circuit
Protection Trip Threshold
ISEC_OUT_SCP
240
A
Secondary Output Short Circuit
Protection Response Time
tSEC_OUT_SCP
1
µs
Overtemperature Shutdown
Threshold
tOTP+
Temperature sensor located inside controller IC
125
°C
Overtemperature Recovery
Threshold
tOTP–
105
110
115
°C
Undertemperature Shutdown
Threshold
tUTP
Temperature sensor located inside controller IC;
Protection not available for M-Grade units.
-45
°C
Undertemperature Restart Time
tUTP_RESTART
Startup into a persistent fault condition. Non-Latching
fault detection given VPRI_DC > VPRI_UVLO+
3
s


Similar Part No. - NBM6123S46C15A6T00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
NBM6123S60E12A7M00 VICOR-NBM6123S60E12A7M00 Datasheet
912Kb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM6123S60E12A7M01 VICOR-NBM6123S60E12A7M01 Datasheet
912Kb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM6123S60E12A7MOP VICOR-NBM6123S60E12A7MOP Datasheet
912Kb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM6123S60E12A7MOR VICOR-NBM6123S60E12A7MOR Datasheet
912Kb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM6123S60E12A7T00 VICOR-NBM6123S60E12A7T00 Datasheet
912Kb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
More results

Similar Description - NBM6123S46C15A6T00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
NBM3814X60E12A7YZZ VICOR-NBM3814X60E12A7YZZ Datasheet
900Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM2317S60E1560T0R VICOR-NBM2317S60E1560T0R Datasheet
932Kb / 31P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM6123X60E12A7YZZ VICOR-NBM6123X60E12A7YZZ Datasheet
912Kb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM6123T46C15A6T0R VICOR-NBM6123T46C15A6T0R Datasheet
2Mb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM3814X46C15A6YZZ VICOR-NBM3814X46C15A6YZZ Datasheet
916Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM3814B60E12A7C00 VICOR-NBM3814B60E12A7C00 Datasheet
900Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM6123T60E12A7T0R VICOR-NBM6123T60E12A7T0R Datasheet
2Mb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM3814B46C15A6C00 VICOR-NBM3814B46C15A6C00 Datasheet
916Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com