Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBM3814B46C15A6C04 Datasheet(PDF) 8 Page - Vicor Corporation

Part # NBM3814B46C15A6C04
Description  Non-Isolated, Fixed-Ratio DC-DC Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

NBM3814B46C15A6C04 Datasheet(HTML) 8 Page - Vicor Corporation

Back Button NBM3814B46C15A6C04 Datasheet HTML 4Page - Vicor Corporation NBM3814B46C15A6C04 Datasheet HTML 5Page - Vicor Corporation NBM3814B46C15A6C04 Datasheet HTML 6Page - Vicor Corporation NBM3814B46C15A6C04 Datasheet HTML 7Page - Vicor Corporation NBM3814B46C15A6C04 Datasheet HTML 8Page - Vicor Corporation NBM3814B46C15A6C04 Datasheet HTML 9Page - Vicor Corporation NBM3814B46C15A6C04 Datasheet HTML 10Page - Vicor Corporation NBM3814B46C15A6C04 Datasheet HTML 11Page - Vicor Corporation NBM3814B46C15A6C04 Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
NBMin a VIA Package
Rev 1.1
vicorpower.com
Page 8 of 23
05/2016
800 927.9474
NBM3814x46C15A6yzz
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Protection Low Voltage Side to High Voltage Side (Reverse Direction)
Effective HI Side Output Capacitance
(External)
CHI_OUT_EXT
Excessive capacitance may drive module into SC
protection when starting from low voltage side to high
voltage side
300
µF
LO Side Overvoltage Lockout
Threshold
VLO_OVLO+
16
16.7
17.4
V
LO Side Overvoltage Recovery
Threshold
VHI_OVLO-
15.3
16
16.7
V
LO Side Overvoltage Lockout
Response Time
tHI_OVLO
30
µs
LO Side Undervoltage Lockout
Threshold
VLO_UVLO-
9.3
10
10.7
V
LO Side Undervoltage Recovery
Threshold
VHI_UVLO+-
10
10.7
11.4
V
LO Side Undervoltage Lockout
Response Time
tLO_UVLO
100
µs
HI Side Output Overcurrent Trip
Threshold
IHI_OUT_OCP
Powertrain is stopped but current can flow from LO
Side to HI Side through MOSFET body Diodes
56
66.7
80
A
HI Side Output Overcurrent Response
Time Constant
tHI_OUT_OCP
Effective internal RC filter
4
ms
HI Side Short Circuit Protection Trip
Threshold
IHI_SCP
Powertrain is stopped but current can flow from LO
Side to HI Side through MOSFET body Diodes
810
A
HI Side Short Circuit Protection
Response Time
tHI_SCP
1
µs
Electrical Specifications (Cont.)
Specifications apply over all line and load conditions, unless otherwise noted;
Boldface specifications apply over the temperature range of -40°C ≤ TCASE
≤100°C (T-Grade); All other specifications are at TCASE = 25ºC unless otherwise noted.


Similar Part No. - NBM3814B46C15A6C04

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
NBM3814B46C15A6C04 VICOR-NBM3814B46C15A6C04 Datasheet
916Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
More results

Similar Description - NBM3814B46C15A6C04

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
NBM3814X60E12A7YZZ VICOR-NBM3814X60E12A7YZZ Datasheet
900Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM2317S60E1560T0R VICOR-NBM2317S60E1560T0R Datasheet
932Kb / 31P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM6123X60E12A7YZZ VICOR-NBM6123X60E12A7YZZ Datasheet
912Kb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM6123T46C15A6T0R VICOR-NBM6123T46C15A6T0R Datasheet
2Mb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM3814B60E12A7C00 VICOR-NBM3814B60E12A7C00 Datasheet
900Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM6123T60E12A7T0R VICOR-NBM6123T60E12A7T0R Datasheet
2Mb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
NBM3814B46C15A6C00 VICOR-NBM3814B46C15A6C00 Datasheet
916Kb / 23P
   Non-Isolated, Fixed-Ratio DC-DC Converter
NBM6123X46C15A6YZZ VICOR-NBM6123X46C15A6YZZ Datasheet
875Kb / 26P
   Non-Isolated, Fixed Ratio DC-DC Converter
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX240Y300A00 VICOR-BCM48BX240Y300A00 Datasheet
782Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com