Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFP196 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BFP196
Description  Low Noise Silicon Bipolar RF Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP196 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BFP196_14 Datasheet HTML 1Page - Infineon Technologies AG BFP196_14 Datasheet HTML 2Page - Infineon Technologies AG BFP196_14 Datasheet HTML 3Page - Infineon Technologies AG BFP196_14 Datasheet HTML 4Page - Infineon Technologies AG BFP196_14 Datasheet HTML 5Page - Infineon Technologies AG BFP196_14 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2014-04-04
3
BFP196
Electrical Characteristics at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics (verified by random sampling)
Transition frequency
IC = 70 mA, VCE = 8 V, f = 500 MHz
fT
5
7.5
-
GHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz, VBE = 0 ,
emitter grounded
Ccb
-
0.83
1.3
pF
Collector emitter capacitance
VCE = 10 V, f = 1 MHz, VBE = 0 ,
base grounded
Cce
-
0.35
-
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz, VCB = 0 ,
collector grounded
Ceb
-
3.9
-
Minimum noise figure
IC = 20 mA, VCE = 8 V, ZS = ZSopt ,
f = 900 MHz
f = 1.8 GHz
NFmin
-
-
1.3
2.3
-
-
dB
Power gain, maximum available1)
IC = 50 mA, VCE = 8 V, ZS = ZSopt, ZL = ZLopt ,
f = 900 MHz
f = 1.8 GHz
Gma
-
-
16.5
10.5
-
-
Transducer gain
IC = 50 mA, VCE = 8 V, ZS = ZL = 50Ω ,
f = 900 MHz
f = 1.8 GHz
|S21e|2
-
-
13
7
-
-
dB
Third order intercept point at output2)
IC = 50 mA, VCE = 8 V, ZS = ZL = 50 Ω,
f = 0.9 GHz
IP3
-
32
-
dBm
1dB Compression point
IC = 50 mA, VCE = 8 V, ZS = ZL = 50 Ω,
f = 0.9 GHz
P-1dB
-
19
-
1Gma = |S21 / S12| (k-(k²-1)1/2)
2IP3 value depends on termination of all intermodulation frequency components.
Termination used for this measurement is 50
Ω from 0.2 MHz to 12 GHz


Similar Part No. - BFP196_14

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP196W SIEMENS-BFP196W Datasheet
60Kb / 7P
   NPN Silicon RF Transistor(For low noise, low distortion broadband amplifiers in antenna and telecommunications)
logo
Infineon Technologies A...
BFP196W INFINEON-BFP196W Datasheet
79Kb / 7P
   NPN Silicon RF Transistor
Jun-22-2001
BFP196W INFINEON-BFP196W Datasheet
83Kb / 7P
   NPN Silicon RF Transistor
2007-04-20
BFP196W INFINEON-BFP196W Datasheet
552Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-04
logo
Inchange Semiconductor ...
BFP196W ISC-BFP196W Datasheet
281Kb / 2P
   isc Silicon NPN RF Transistor
More results

Similar Description - BFP196_14

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFS481 INFINEON-BFS481_13 Datasheet
563Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-06-18
BFP420 INFINEON-BFP420_13 Datasheet
567Kb / 9P
   Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFR183 INFINEON-BFR183_14 Datasheet
618Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-03
BFP182R INFINEON-BFP182R_14 Datasheet
556Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-07
BFR182W INFINEON-BFR182W_14 Datasheet
672Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-07
BFP520F INFINEON-BFP520F_13 Datasheet
537Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFP410 INFINEON-BFP410_13 Datasheet
579Kb / 8P
   Low Noise Silicon Bipolar RF Transistor
2013-08-16
BFP196W INFINEON-BFP196W_14 Datasheet
552Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-04
BFR193F INFINEON-BFR193F_13 Datasheet
542Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-11-07
BFR35AP INFINEON-BFR35AP_13 Datasheet
602Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-11-21
BFP520 INFINEON-BFP520_15 Datasheet
576Kb / 9P
   Low Noise Silicon Bipolar RF Transistor
2015-10-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com