Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFP540ESD Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BFP540ESD
Description  Low Noise Silicon Bipolar RF Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP540ESD Datasheet(HTML) 6 Page - Infineon Technologies AG

  BFP540ESD_13 Datasheet HTML 1Page - Infineon Technologies AG BFP540ESD_13 Datasheet HTML 2Page - Infineon Technologies AG BFP540ESD_13 Datasheet HTML 3Page - Infineon Technologies AG BFP540ESD_13 Datasheet HTML 4Page - Infineon Technologies AG BFP540ESD_13 Datasheet HTML 5Page - Infineon Technologies AG BFP540ESD_13 Datasheet HTML 6Page - Infineon Technologies AG BFP540ESD_13 Datasheet HTML 7Page - Infineon Technologies AG BFP540ESD_13 Datasheet HTML 8Page - Infineon Technologies AG BFP540ESD_13 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2013-09-13
6
BFP540ESD
Power gain Gma, Gms = ƒ (VCE)
IC = 20 mA
f = parameter in GHz
0
1
2
3
4
5
6
6
8
10
12
14
16
18
20
22
24
26
28
V
CE
[V]
6.00GHz
5.00GHz
4.00GHz
3.00GHz
2.40GHz
1.80GHz
0.90GHz
Noise figure F =
ƒ(IC)
VCE = 3 V, f = parameter in GHz
ZS = ZSopt
0
10
20
30
40
50
60
70
80
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
f = 3GHz
f = 5GHz
f = 0.9GHz
f = 4GHz
f = 6GHz
f = 1.8GHz
I
c
[mA]
Noise figure F =
ƒ(IC)
VCE = 3V, f = 1.8 GHz
0
10
20
30
40
50
60
70
80
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
I
c
[mA]
Z
S
= 50
Z
S
= Z
Sopt
Noise figure F =
ƒ(f)
VCE = 3 V, ZS = ZSopt
0
1
2
3
4
5
6
7
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
f [GHz]
I
C
= 20mA
I
C
= 5.0mA


Similar Part No. - BFP540ESD_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP540ESD INFINEON-BFP540ESD_09 Datasheet
602Kb / 10P
   NPN Silicon RF Transistor
2009-12-04
More results

Similar Description - BFP540ESD_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFS481 INFINEON-BFS481_13 Datasheet
563Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-06-18
BFP420 INFINEON-BFP420_13 Datasheet
567Kb / 9P
   Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFR183 INFINEON-BFR183_14 Datasheet
618Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-03
BFP182R INFINEON-BFP182R_14 Datasheet
556Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-07
BFR182W INFINEON-BFR182W_14 Datasheet
672Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-07
BFP520F INFINEON-BFP520F_13 Datasheet
537Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFP410 INFINEON-BFP410_13 Datasheet
579Kb / 8P
   Low Noise Silicon Bipolar RF Transistor
2013-08-16
BFP196W INFINEON-BFP196W_14 Datasheet
552Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-04
BFR193F INFINEON-BFR193F_13 Datasheet
542Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-11-07
BFR35AP INFINEON-BFR35AP_13 Datasheet
602Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-11-21
BFP520 INFINEON-BFP520_15 Datasheet
576Kb / 9P
   Low Noise Silicon Bipolar RF Transistor
2015-10-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com