Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFP620 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BFP620
Description  Low Noise SiGe:C Bipolar RF Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP620 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BFP620_13 Datasheet HTML 2Page - Infineon Technologies AG BFP620_13 Datasheet HTML 3Page - Infineon Technologies AG BFP620_13 Datasheet HTML 4Page - Infineon Technologies AG BFP620_13 Datasheet HTML 5Page - Infineon Technologies AG BFP620_13 Datasheet HTML 6Page - Infineon Technologies AG BFP620_13 Datasheet HTML 7Page - Infineon Technologies AG BFP620_13 Datasheet HTML 8Page - Infineon Technologies AG BFP620_13 Datasheet HTML 9Page - Infineon Technologies AG BFP620_13 Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2013-09-13
8
BFP620
SPICE GP Model
For the SPICE Gummel Poon (GP) model as well as for the S-parameters
(including noise parameters) please refer to our internet website
www.infineon.com/rf.models.
Please consult our website and download the latest versions before actually
starting your design. You find the BFP620 SPICE GP model in the internet
in MWO- and ADS-format, which you can import into these circuit simulation tools
very quickly and conveniently. The model already contains the package parasitics
and is ready to use for DC and high frequency simulations. The terminals of the
model circuit correspond to the pin configuration of the device. The model
parameters have been extracted and verified up to 15 GHz using typical devices.
The BFP620 SPICE GP model reflects the typical DC- and RF-performance
within the limitations which are given by the SPICE GP model itself. Besides the DC
characteristics all S-parameters in magnitude and phase, as well as noise figure
(including optimum source impedance, equivalent noise resistance and flicker noise)
and intermodulation have been extracted.


Similar Part No. - BFP620_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP620 INFINEON-BFP620_10 Datasheet
641Kb / 11P
   NPN Silicon Germanium RF Transistor
2010-09-21
More results

Similar Description - BFP620_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP620F INFINEON-BFP620F_13 Datasheet
629Kb / 9P
   Low Noise SiGe:C Bipolar RF Transistor
2013-09-09
BFP650F INFINEON-BFP650F_13 Datasheet
556Kb / 7P
   Linear Low Noise SiGe:C Bipolar RF Transistor
2013-09-06
BFP650 INFINEON-BFP650_10 Datasheet
1Mb / 27P
   High Linearity Low Noise SiGe:C NPN RF Transistor
Revision 1.0, 2010-10-22
BFP750 INFINEON-BFP750_15 Datasheet
1Mb / 29P
   High Linearity Low Noise SiGe:C NPN RF Transistor
Revision 1.1, 2015-01-14
BFP750 INFINEON-BFP750 Datasheet
1Mb / 27P
   High Linearity Low Noise SiGe:C NPN RF Transistor
Revision 1.0, 2010-10-22
BFS481 INFINEON-BFS481_13 Datasheet
563Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2013-06-18
BFP420 INFINEON-BFP420_13 Datasheet
567Kb / 9P
   Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFR183 INFINEON-BFR183_14 Datasheet
618Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-03
BFP182R INFINEON-BFP182R_14 Datasheet
556Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-07
BFR182W INFINEON-BFR182W_14 Datasheet
672Kb / 6P
   Low Noise Silicon Bipolar RF Transistor
2014-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com