Electronic Components Datasheet Search |
|
V24B24C150BN3 Datasheet(PDF) 5 Page - Vicor Corporation |
|
V24B24C150BN3 Datasheet(HTML) 5 Page - Vicor Corporation |
5 / 15 page 24V Mini Family Rev 4.9 vicorpower.com Page 5 of 15 01/2016 800 927.9474 24V Input Parameter Min Typ Max Unit Notes Efficiency S24B12C200BL (enhanced efficiency) 87.0 90.0 % Nominal input; full load; 25°C V24B12C200BL (standard efficiency) 87.0 88.0 Ripple and noise 360 450 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 13.8 14.4 15 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 4.6 7.4 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 16.67 Amps Current limit 17 19.2 22.6 Amps Output voltage 95% of nominal Short circuit current 11.6 19.2 22.6 Amps Output voltage <250mV 12VOUT, 200W (e.g. S24B12C200BL, V24B12C200BL) Parameter Min Typ Max Unit Notes Efficiency S24B8C200BL (enhanced efficiency) 87.0 89.0 % Nominal input; full load; 25°C V24B8C200BL (standard efficiency) 85.0 86.4 Ripple and noise 200 250 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 9.36 9.7 10.1 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 5 6 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 25 Amps Current limit 25.5 28.8 33.8 Amps Output voltage 95% of nominal Short circuit current 17.5 28.8 33.8 Amps Output voltage <250mV 8VOUT, 200W (e.g. S24B8C200BL, V24B8C200BL) MODULE SPECIFIC OPERATING SPECIFICATIONS (CONT.) Parameter Min Typ Max Unit Notes Efficiency S24B6V5C200BL (enhanced efficiency) 84.5 87.5 % Nominal input; full load; 25°C V24B6V5C200BL (standard efficiency) 83.2 84.6 Ripple and noise 182 230 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 7.7 8.0 8.3 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 5.3 6.2 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 30.8 Amps Current limit 31.4 35.4 41.5 Amps Output voltage 95% of nominal Short circuit current 21.5 35.4 41.5 Amps Output voltage <250mV 6.5VOUT, 200W (e.g. S24B6V5C200BL, V24B6V5C200BL) Parameter Min Typ Max Unit Notes Efficiency S24B12C250BL (enhanced efficiency) 87.0 89.0 % Nominal input; full load; 25°C V24B12C250BL (standard efficiency) 86.0 87.4 Ripple and noise 172 215 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 13.8 14.3 14.8 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 6.5 7.6 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 20.8 Amps Current limit 21.3 24.0 28.1 Amps Output voltage 95% of nominal Short circuit current 14.6 24.0 28.1 Amps Output voltage <250mV 12VOUT, 250W (e.g. S24B12C250BL, V24B12C250BL) |
Similar Part No. - V24B24C150BN3 |
|
Similar Description - V24B24C150BN3 |