Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDF435A1S3 Datasheet(PDF) 5 Page - Shoulder Electronics Limited.

Part # HDF435A1S3
Description  This specification shall cover the characteristics of SAW filter With F435A1 used for the page
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF435A1S3 Datasheet(HTML) 5 Page - Shoulder Electronics Limited.

  HDF435A1S3 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF435A1S3 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF435A1S3 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF435A1S3 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF435A1S3 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF435A1S3 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF435A1S3 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF435A1S3 Datasheet HTML 8Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SAW FILTER
HDF435A1
S3
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 5 of 8
5-6 Mechanical shock
Drop the device randomly onto the concrete floor from the height of 1m 3 times. the device
shall fulfill the specifications in 2-2.
5-7 Vibration
Subject the device to the vibration for 1 hour each in x,y and z axes with the amplitude of
1.5 mm at 10 to 55 Hz. The device shall fulfill the specifications in 2-2.
6. REMARK
6.1 Static voltage
Static voltage between signal load & ground may cause deterioration &destruction of
the component. Please avoid static voltage.
6.2 Ultrasonic cleaning
Ultrasonic vibration may cause deterioration & destruction of the component. Please
avoid ultrasonic cleaning
6.3 Soldering
Only leads of component may be soldered. Please avoid soldering another part of
component.
7. Packing
7.1 Dimensions
(1) Carrier Tape: Figure 1
(2) Reel: Figure 2
(3) The product shall be packed properly not to be damaged during transportation and storage.
7.2 Reeling Quantity
1000 pcs/reel
7’’
3000 pcs/reel
13’’
7.3 Taping Structure
(1) The tape shall be wound around the reel in the direction shown below.


Similar Part No. - HDF435A1S3

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF430AS4 SHOULDER-HDF430AS4 Datasheet
157Kb / 8P
   This specification shall cover the characteristics of SAW filter With 430MHz used for the page
HDF43392A1S6 SHOULDER-HDF43392A1S6 Datasheet
177Kb / 9P
   Operation Temperature Range
HDF43396MS3 SHOULDER-HDF43396MS3 Datasheet
213Kb / 9P
   Ceramic package QCC8C
HDF433CS4 SHOULDER-HDF433CS4 Datasheet
162Kb / 8P
   Ultrasonic vibration may cause deterioration & destruction of the component
HDF433M1S6 SHOULDER-HDF433M1S6 Datasheet
315Kb / 9P
   High stability and reliability with good performance and no adjustment
More results

Similar Description - HDF435A1S3

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF171S3 SHOULDER-HDF171S3 Datasheet
151Kb / 8P
   This specification shall cover the characteristics of SAW filter With F171 used for the page
HDF302AS3 SHOULDER-HDF302AS3 Datasheet
158Kb / 8P
   This specification shall cover the characteristics of SAW filter With HDF302A used for the page
HDF398AS4 SHOULDER-HDF398AS4 Datasheet
157Kb / 8P
   This specification shall cover the characteristics of SAW filter With F398A used for the page
HDF415CS3 SHOULDER-HDF415CS3 Datasheet
175Kb / 7P
   This specification shall cover the characteristics of SAW filter With F415 used for the page
HDF426ANF11 SHOULDER-HDF426ANF11 Datasheet
108Kb / 5P
   This specification shall cover the characteristics of SAW filter With F426AN used for the page
HDF428WS4 SHOULDER-HDF428WS4 Datasheet
169Kb / 8P
   This specification shall cover the characteristics of SAW filter With F428W used for the page
HDF440CS3 SHOULDER-HDF440CS3 Datasheet
177Kb / 8P
   This specification shall cover the characteristics of SAW filter With F440C used for the page
HDF450BS3 SHOULDER-HDF450BS3 Datasheet
167Kb / 8P
   This specification shall cover the characteristics of SAW filter With F450B used for the page
HDF455A1S4 SHOULDER-HDF455A1S4 Datasheet
158Kb / 8P
   This specification shall cover the characteristics of SAW filter With F455A1 used for the page
HDF458CS4 SHOULDER-HDF458CS4 Datasheet
157Kb / 8P
   This specification shall cover the characteristics of SAW filter With F458C used for the page
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com