Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFP843 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BFP843
Description  Robust Low Noise Broadband Pre-Matched Bipolar RF Transistor
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP843 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BFP843 Datasheet HTML 3Page - Infineon Technologies AG BFP843 Datasheet HTML 4Page - Infineon Technologies AG BFP843 Datasheet HTML 5Page - Infineon Technologies AG BFP843 Datasheet HTML 6Page - Infineon Technologies AG BFP843 Datasheet HTML 7Page - Infineon Technologies AG BFP843 Datasheet HTML 8Page - Infineon Technologies AG BFP843 Datasheet HTML 9Page - Infineon Technologies AG BFP843 Datasheet HTML 10Page - Infineon Technologies AG BFP843 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
BFP843
Product Brief
Data Sheet
7
Revision 1.0, 2013-06-19
1
Product Brief
The BFP843 is a low noise broadband NPN bipolar RF transistor. Its integrated feedback provides a broadband
pre-match to 50 Ω at input and output and improves the stability against parasitic oscillations. These measures
simplify the design of arbitrary LNA application circuits. The device is based on Infineon’s reliable high volume
silicon germanium carbon (SiGe:C) heterojunction bipolar technology. The collector design supports voltages up
to VCEO = 2.25 V and currents up to IC = 55 mA. The device is especially suited for mobile applications in which
low power consumption is a key requirement. The transistor is fitted with internal protection circuits, which enhance
the robustness against electrostatic discharge (ESD) and against high levels of RF input power. The device is
housed in an easy to use plastic package with visible leads.


Similar Part No. - BFP843

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP843F INFINEON-BFP843F Datasheet
1Mb / 26P
   Robust Low Noise Broadband Pre-Matched Bipolar RF Transistor
Revision 1.0, 2013-06-19
More results

Similar Description - BFP843

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP843F INFINEON-BFP843F Datasheet
1Mb / 26P
   Robust Low Noise Broadband Pre-Matched Bipolar RF Transistor
Revision 1.0, 2013-06-19
BFR843EL3 INFINEON-BFR843EL3 Datasheet
1Mb / 27P
   Robust Low Noise Broadband Pre-Matched Bipolar RF Transistor
Revision 1.0, 2014-08-05
BFP720FESD INFINEON-BFP720FESD_12 Datasheet
1Mb / 28P
   Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.2, 2012-10-16
BFP720FESD INFINEON-BFP720FESD Datasheet
1Mb / 29P
   Robust High Performance Low Noise Bipolar RF Transistor
Revision 1.1, 2010-06-29
BFP720ESD INFINEON-BFP720ESD Datasheet
1Mb / 29P
   Robust High Performance Low Noise Bipolar RF Transistor
Revision 1.0, 2010-06-29
BFP842ESD INFINEON-BFP842ESD Datasheet
1Mb / 28P
   Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.1, 2013-04-11
BFP840ESD INFINEON-BFP840ESD Datasheet
1Mb / 28P
   Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.2, 2013-03-28
BFP740FESD INFINEON-BFP740FESD_12 Datasheet
1Mb / 28P
   Robust Low Noise Silicon Germanium Bipolar RF Transistor
Revision 1.2, 2012-10-11
BFP740FESD INFINEON-BFP740FESD Datasheet
1Mb / 29P
   Robust High Performance Low Noise Bipolar RF Transistor
Revision 1.1, 2010-06-29
BFP640ESD INFINEON-BFP640ESD Datasheet
1Mb / 29P
   Robust High Performance Low Noise Bipolar RF Transistor
Revision 1.0, 2010-06-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com