Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM912 Datasheet(PDF) 11 Page - Synaptics Incorporated.

Part # RM912
Description  CDMA/AMPS 3-4 Volt Power Amplifier (824-849 MHz)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

RM912 Datasheet(HTML) 11 Page - Synaptics Incorporated.

Back Button RM912 Datasheet HTML 7Page - Synaptics Incorporated. RM912 Datasheet HTML 8Page - Synaptics Incorporated. RM912 Datasheet HTML 9Page - Synaptics Incorporated. RM912 Datasheet HTML 10Page - Synaptics Incorporated. RM912 Datasheet HTML 11Page - Synaptics Incorporated. RM912 Datasheet HTML 12Page - Synaptics Incorporated. RM912 Datasheet HTML 13Page - Synaptics Incorporated. RM912 Datasheet HTML 14Page - Synaptics Incorporated. RM912 Datasheet HTML 15Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
RM912
Characterization Data
CDMA/AMPS 3–4 Volt Power Amplifier (824–849 MHz)
100635G
Conexant
11
Figure 11. Digital Adjacent Channel Power Magnitude (ACP2) vs. Output Power
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
3.20V
- 30C
3.40V
-30C
4.20V
- 30C
3.20V
25C
3.40V
25C
4.20V
25C
3.20V
85C
3.40V
85C
4.20V
85C
Co l l ect o r V o l t ag e
Cas e T emp er at ur e
824 MHz
836.5 MHz
849 MHz
COL D
R OOMT EMP ER AT UR E
HOT
Figure 12. Analog Gain vs. Output Power
0.00
5.00
10.00
15.00
20.00
25.00
30.00
35.00
40.00
3.20V
- 30C
3.40V
- 30C
4.20V
- 30C
3.20V
25C
3.40V
25C
4.20V
25C
3.20V
85C
3.40V
85C
4.20V
85C
Co l l ect o r V o l t ag e
C as e T emper at ur e
824 MHz
836.5 MHz
849 M Hz
COL D
R OOMT EMP ER AT UR E
HOT


Similar Part No. - RM912

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
RM914 SKYWORKS-RM914 Datasheet
576Kb / 16P
   Power Amplifier Module for AMPS Applications (824-849 MHz)
More results

Similar Description - RM912

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPSS0006 MACOM-MAAPSS0006 Datasheet
56Kb / 4P
   Cellular CDMA/AMPS Power Amplifier 824 - 849 MHz
logo
Skyworks Solutions Inc.
CX77105 SKYWORKS-CX77105 Datasheet
563Kb / 17P
   Power Amplifier Module for CDMA/AMPS (824-849 MHz)
SKY77162 SKYWORKS-SKY77162 Datasheet
212Kb / 13P
   System Smart Power Amplifier Module for CDMA / AMPS (824-849 MHz)
CX77140 SKYWORKS-CX77140 Datasheet
665Kb / 13P
   PA Module for CDMA / AMPS (824-849 MHz)
SKY77163 SKYWORKS-SKY77163 Datasheet
45Kb / 2P
   AutoSmart PA Module for CDMA / AMPS (824-849 MHz)
RM914 SKYWORKS-RM914 Datasheet
576Kb / 16P
   Power Amplifier Module for AMPS Applications (824-849 MHz)
SKY77154 SKYWORKS-SKY77154 Datasheet
182Kb / 12P
   System Smart PA Module for CDMA / AMPS (824-849 MHz)
logo
AVAGO TECHNOLOGIES LIMI...
WS1102-TR1 AVAGO-WS1102-TR1 Datasheet
476Kb / 16P
   3 x 3 Power Amplifier Module for CDMA/AMPS (824??49 MHz)
logo
Tyco Electronics
MLS9102-00837 MACOM-MLS9102-00837 Datasheet
153Kb / 2P
   Surface Mount Frequency Synthesizer CDMA 824 - 849 MHz
logo
Skyworks Solutions Inc.
SKY77176 SKYWORKS-SKY77176 Datasheet
276Kb / 11P
   AutoSmart Dual-Band Power Amplifier Module for CDMA/PCS(824-849 MHz and 1850-1910 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com