Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDF433CS4 Datasheet(PDF) 7 Page - Shoulder Electronics Limited.

Part # HDF433CS4
Description  Ultrasonic vibration may cause deterioration & destruction of the component
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF433CS4 Datasheet(HTML) 7 Page - Shoulder Electronics Limited.

  HDF433CS4 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF433CS4 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF433CS4 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF433CS4 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF433CS4 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF433CS4 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF433CS4 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF433CS4 Datasheet HTML 8Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
SAW FILTER
HDF433C
SMD-4
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 7 of 8
(3) force: 20~70g
[Figure 1] Carrier Tape Dimensions
[Unit:mm]
W
F
E
P0
P1
P2
D0
D1
t1
t2
A
B
12.00
±0.30
5.50
±0.10
1.75
±0.10
4.00
±0.10
8.00
±0.10
2.00
±0.10
Ø1.50
Ø1.0
±0.25
0.25
±0.05
1.65
±0.10
4.04
±0.10
4.10
±0.10
[Figure 2]


Similar Part No. - HDF433CS4

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF43392A1S6 SHOULDER-HDF43392A1S6 Datasheet
177Kb / 9P
   Operation Temperature Range
HDF43396MS3 SHOULDER-HDF43396MS3 Datasheet
213Kb / 9P
   Ceramic package QCC8C
HDF433M1S6 SHOULDER-HDF433M1S6 Datasheet
315Kb / 9P
   High stability and reliability with good performance and no adjustment
HDF433MS4 SHOULDER-HDF433MS4 Datasheet
207Kb / 9P
   The product shall be packed properly not to be damaged during transportation and storage
More results

Similar Description - HDF433CS4

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF911F11 SHOULDER-HDF911F11 Datasheet
113Kb / 5P
   Only leads of component may be soldered. Please avoid soldering another part of component
logo
ATMEL Corporation
ATMEGA161 ATMEL-ATMEGA161_14 Datasheet
55Kb / 3P
   Brown-out Detector may cause the Device to be Stuck in Reset State
logo
Shoulder Electronics Li...
HDF173075MF11 SHOULDER-HDF173075MF11 Datasheet
142Kb / 6P
   Only leads of component may be solded, Please avoid soldering another part of component
logo
PHOENIX CONTACT
102981 PHOENIX-102981 Datasheet
937Kb / 45P
   Installation component housing of the BCseries
logo
Fairchild Semiconductor
BZX55C39 FAIRCHILD-BZX55C39 Datasheet
166Kb / 4P
   These ratings are limiting values above which the serviceability of the diode may be impaired.
logo
Omron Electronics LLC
D7E-1 OMRON-D7E-1 Datasheet
173Kb / 6P
   specifications of vibration detection switch
logo
Wurth Elektronik GmbH &...
784787120 WURTH-784787120 Datasheet
589Kb / 7P
   It is recommeded that the temperature of the component does not exceed
784787101 WURTH-784787101 Datasheet
589Kb / 7P
   It is recommeded that the temperature of the component does not exceed
784787121 WURTH-784787121 Datasheet
589Kb / 7P
   It is recommeded that the temperature of the component does not exceed
logo
Omron Electronics LLC
D7H-B1 OMRON-D7H-B1 Datasheet
176Kb / 3P
   Specifications of Vibration Detection Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com