Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC6215TG-G Datasheet(PDF) 4 Page - Supertex, Inc

Part # TC6215TG-G
Description  N- and P-Channel Enhancement-Mode Dual MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TC6215TG-G Datasheet(HTML) 4 Page - Supertex, Inc

  TC6215TG-G Datasheet HTML 1Page - Supertex, Inc TC6215TG-G Datasheet HTML 2Page - Supertex, Inc TC6215TG-G Datasheet HTML 3Page - Supertex, Inc TC6215TG-G Datasheet HTML 4Page - Supertex, Inc TC6215TG-G Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
TC6215
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
Block Diagram
SN
GN
SP
GP
1
2
3
4
DP
DP
DN
DN
6
7
8
5
N-Channel
P-Channel
8-Lead SOIC
(top view)
P-Channel Output Characteristics
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
V
DS (volts)
VGS=-10V
VGS=-8V
VGS=-7V
VGS=-6V
VGS=-5V
VGS=-4V
VGS=-3V
VGS=-2V
P-Channel Saturation Characteristics
-2.2
-2.0
-1.8
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
V
DS (volts)
VGS=-10V
VGS=-8V
VGS=-6V
VGS=-5V
VGS=-4V
VGS=-3V
VGS=-2V
N-Channel Output Characteristics
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
5
10
15
20
25
30
35
40
45
50
V
DS (volts)
VGS=10V
VGS=8V
VGS=7V
VGS=6V
VGS=5V
VGS=4V
VGS=3V
VGS=2V
N-Channel Saturation Characteristics
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
1
2
3
4
5
6
7
8
9
10
V
DS (volts)
VGS=10V
VGS=8V
VGS=6V
VGS=5V
VGS=4V
VGS=3V
VGS=2V
Typical Performance Curves


Similar Part No. - TC6215TG-G

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC621 TELCOM-TC621 Datasheet
75Kb / 6P
   5V, DUAL TRIP POINT TEMPERATURE SENSORS
logo
Microchip Technology
TC621 MICROCHIP-TC621 Datasheet
450Kb / 14P
   5V, Dual Trip Point Temperature Sensors
2012
TC621 MICROCHIP-TC621 Datasheet
195Kb / 16P
   5V, Dual Trip Point Temperature Sensors
2001-2012 11/29/12
TC621 MICROCHIP-TC621 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC621 MICROCHIP-TC621 Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
More results

Similar Description - TC6215TG-G

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM4542K ANPEC-APM4542K Datasheet
153Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4548K ANPEC-APM4548K Datasheet
250Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4542 ANPEC-APM4542 Datasheet
270Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM9928 ANPEC-APM9928 Datasheet
292Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4532 ANPEC-APM4532 Datasheet
205Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
logo
Sinopower Semiconductor...
SM8403CSQ SINOPWER-SM8403CSQ Datasheet
279Kb / 14P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
SM3040CSU4 SINOPWER-SM3040CSU4 Datasheet
218Kb / 16P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
SM7309CSKP SINOPWER-SM7309CSKP Datasheet
326Kb / 16P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
SM1A40CSQ SINOPWER-SM1A40CSQ Datasheet
275Kb / 14P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
logo
Supertex, Inc
TC2320 SUTEX-TC2320_07 Datasheet
485Kb / 4P
   N- and P-Channel Enhancement-Mode Dual MOSFET
logo
Sinopower Semiconductor...
SM1A40CSK SINOPWER-SM1A40CSK Datasheet
219Kb / 16P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com