Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD46E232-TR Datasheet(PDF) 3 Page - Rohm

Part # BD46E232-TR
Description  Counter Timer Built-in CMOS Voltage Detector IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD46E232-TR Datasheet(HTML) 3 Page - Rohm

  BD46E232-TR Datasheet HTML 1Page - Rohm BD46E232-TR Datasheet HTML 2Page - Rohm BD46E232-TR Datasheet HTML 3Page - Rohm BD46E232-TR Datasheet HTML 4Page - Rohm BD46E232-TR Datasheet HTML 5Page - Rohm BD46E232-TR Datasheet HTML 6Page - Rohm BD46E232-TR Datasheet HTML 7Page - Rohm BD46E232-TR Datasheet HTML 8Page - Rohm BD46E232-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3/14
TSZ02201-0R7R0G300110-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
27.Aug.2013 Rev.004
www.rohm.com
TSZ22111・15・001
BD45Exxxx-M series
BD46Exxxx-M series
●Lineup - continued
Table 2. CMOS Output Type
Counter Timer Delay Time Settings
50ms
100ms
200ms
Detection
Voltage
Marking
Part
Number
Marking
Part
Number
Marking
Part
Number
4.8V
k8
BD46E485
p7
BD46E481
1f
BD46E482
4.7V
k7
BD46E475
p6
BD46E471
1e
BD46E472
4.6V
k6
BD46E465
p5
BD46E461
1d
BD46E462
4.5V
k5
BD46E455
p4
BD46E451
1c
BD46E452
4.4V
k4
BD46E445
p3
BD46E441
1b
BD46E442
4.3V
k3
BD46E435
p2
BD46E431
1a
BD46E432
4.2V
k2
BD46E425
p1
BD46E421
y9
BD46E422
4.1V
k1
BD46E415
n9
BD46E411
y8
BD46E412
4.0V
h9
BD46E405
n8
BD46E401
y7
BD46E402
3.9V
h8
BD46E395
n7
BD46E391
y6
BD46E392
3.8V
h7
BD46E385
n6
BD46E381
y5
BD46E382
3.7V
h6
BD46E375
n5
BD46E371
y4
BD46E372
3.6V
h5
BD46E365
n4
BD46E361
y3
BD46E362
3.5V
h4
BD46E355
n3
BD46E351
y2
BD46E352
3.4V
h3
BD46E345
n2
BD46E341
y1
BD46E342
3.3V
h2
BD46E335
n1
BD46E331
r9
BD46E332
3.2V
h1
BD46E325
m9
BD46E321
r8
BD46E322
3.1V
g9
BD46E315
m8
BD46E311
r7
BD46E312
3.0V
g8
BD46E305
m7
BD46E301
r6
BD46E302
2.9V
g7
BD46E295
m6
BD46E291
r5
BD46E292
2.8V
g6
BD46E285
m5
BD46E281
r4
BD46E282
2.7V
g5
BD46E275
m4
BD46E271
r3
BD46E272
2.6V
g4
BD46E265
m3
BD46E261
r2
BD46E262
2.5V
g3
BD46E255
m2
BD46E251
r1
BD46E252
2.4V
g2
BD46E245
m1
BD46E241
p9
BD46E242
2.3V
g1
BD46E235
k9
BD46E231
p8
BD46E232


Similar Part No. - BD46E232-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD46E232 ROHM-BD46E232 Datasheet
427Kb / 17P
   Counter Timer Built-in CMOS Voltage Detector IC
BD46E232G-MTR ROHM-BD46E232G-MTR Datasheet
427Kb / 17P
   Counter Timer Built-in CMOS Voltage Detector IC
More results

Similar Description - BD46E232-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU45K232G-TL ROHM-BU45K232G-TL Datasheet
466Kb / 17P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45451G-TR ROHM-BD45451G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45301G-TR ROHM-BD45301G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45312G-TR ROHM-BD45312G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45E235G-MTR ROHM-BD45E235G-MTR Datasheet
427Kb / 17P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45235G-TR ROHM-BD45235G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45XXG ROHM-BD45XXG_09 Datasheet
280Kb / 10P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45485 ROHM-BD45485 Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC Package SSOP5 is similar to SOT-23-5 (JEDEC)
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
BD45XXXG ROHM-BD45XXXG Datasheet
222Kb / 6P
   Voltage Detector IC built in Delay Citcuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com