Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N9081C Datasheet(PDF) 10 Page - Keysight Technologies

Part # N9081C
Description  X-Series Measurement Application
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N9081C Datasheet(HTML) 10 Page - Keysight Technologies

Back Button N9081C Datasheet HTML 4Page - Keysight Technologies N9081C Datasheet HTML 5Page - Keysight Technologies N9081C Datasheet HTML 6Page - Keysight Technologies N9081C Datasheet HTML 7Page - Keysight Technologies N9081C Datasheet HTML 8Page - Keysight Technologies N9081C Datasheet HTML 9Page - Keysight Technologies N9081C Datasheet HTML 10Page - Keysight Technologies N9081C Datasheet HTML 11Page - Keysight Technologies N9081C Datasheet HTML 12Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10 | Keysight | Bluetooth X-Series Measurement Application N9081A & W9081A - Technical Overview
Hardware Configuration
N9030A PXA signal analyzer
Description
Model-Option
Additional information
3.6, 8.4, 13.6, 26.5, 43, 44, or 50 GHz frequency range
N9030A-503, -508, -513, -526, -543, -544 or -550
One required
Precision frequency reference
N9030A-PFR
Recommended
Electronic attenuator, 3.6 GHz
N9030A-EA3
Recommended
Preamplifier, 3.6, 8.4, 13.6, 26.5, 43, 44 or 50 GHz
N9030A – P03, -P08, -P13, -P26, -P43, -P44 or P50
One recommended
N9020A MXA signal analyzer
Description
Model-Option
Additional information
3.6, 8.4, 13.6, or 26.5 GHz frequency range
N9020A-503, -508, -513 or -526
One required
Precision frequency reference
N9020A-PFR
Recommended
Electronic attenuator, 3.6 GHz
N9020A-EA3
Recommended
Preamplifier, 3.6, 8.4, 13.6 or 26.5 GHz
N9020A-P03, -P08, -P13 or -P26
One recommended
N9010A EXA signal analyzer
Description
Model-Option
Additional information
3.6, 7.0, 13.6, 26.5, 32 or 44 GHz frequency range
N9010A-503, -507, -513, -526, -532 or -544
One required
Precision frequency reference
N9010A-PFR
Recommended
Fine step attenuator
N9010A-FSA
Recommended
Electronic attenuator, 3.6 GHz
N9010A-EA3
Recommended
Preamplifier, 3.6, 7.0, 13.6 or 26.5 GHz
N9010A-P03, -P07, -P13 or -P26
One recommended
N9000A CXA signal analyzer
Description
Model-Option
Additional information
3.0 , 7.5, 13.6, or 26.5 GHz frequency range
N9000A-503, -507, -513, or -526
One required
Fine step attenuator
N9000A-FSA
Recommended
Preamplifier, 3.0, 7.5, 13.6, or 26.5 GHz
N9000A-P03, -P07, -P13, or -P26
One recommended
M9420/21A PXIe VXT vector transceiver
Description
Model-Option
Additional information
3.8 or 6 GHz frequency range
M9420A/M9421A-504, or 506
One required
40, 80 or 160 MHz BW
M9420A/M9421A-B40/B80/B1X
One required
Half duplex port
M9420A/M9421A-HDX
Optional
M9290A CXA-m PXIe signal analyzer
Description
Model-Option
Additional information
3, 7.5, 13.6 or 26.5 GHz frequency range
M9290A-F03, F07, F13, or F26
One required
25 MHz analysis BW
M9290A-B25
One required
Preamplifier, 3, 7.5, 13.6 or 26.5 GHz
M9290A-P03, P07, P13 or P26
One required
Fine resolution step attenuator
M9290A-FSA
Optional
Precision frequency reference
M9290A-PFR
Optional


Similar Part No. - N9081C

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N9081A KEYSIGHT-N9081A Datasheet
2Mb / 12P
   N9081A & W9081A
More results

Similar Description - N9081C

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
W9071A KEYSIGHT-W9071A Datasheet
3Mb / 14P
   X-Series Measurement Application
W9081A KEYSIGHT-W9081A Datasheet
2Mb / 12P
   X-Series Measurement Application
W9082B KEYSIGHT-W9082B Datasheet
1Mb / 19P
   X-Series Measurement Application
W6153A KEYSIGHT-W6153A Datasheet
1Mb / 15P
   X-Series Measurement Application
W6152A KEYSIGHT-W6152A Datasheet
2Mb / 12P
   X-Series Measurement Application
W9072A KEYSIGHT-W9072A Datasheet
1Mb / 14P
   X-Series Measurement Application
N6156A KEYSIGHT-N6156A Datasheet
1Mb / 14P
   X-Series Measurement Application
N9071A KEYSIGHT-N9071A Datasheet
3Mb / 14P
   X-Series Measurement Application
N9072A KEYSIGHT-N9072A Datasheet
1Mb / 14P
   X-Series Measurement Application
N9073A KEYSIGHT-N9073A Datasheet
1Mb / 18P
   X-Series Measurement Application
N6152A KEYSIGHT-N6152A Datasheet
2Mb / 12P
   X-Series Measurement Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com