Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N9081A Datasheet(PDF) 6 Page - Keysight Technologies

Part # N9081A
Description  N9081A & W9081A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N9081A Datasheet(HTML) 6 Page - Keysight Technologies

Back Button N9081A Datasheet HTML 2Page - Keysight Technologies N9081A Datasheet HTML 3Page - Keysight Technologies N9081A Datasheet HTML 4Page - Keysight Technologies N9081A Datasheet HTML 5Page - Keysight Technologies N9081A Datasheet HTML 6Page - Keysight Technologies N9081A Datasheet HTML 7Page - Keysight Technologies N9081A Datasheet HTML 8Page - Keysight Technologies N9081A Datasheet HTML 9Page - Keysight Technologies N9081A Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
06 | Keysight | Bluetooth X-Series Measurement Application N9081A & W9081A - Technical Overview
Key Specifications
Definitions
– Specifications describe the performance of parameters covered by the product
warranty.
– 95th percentile values indicate the breadth of the population (≈2σ) of performance
tolerances expected to be met in 95% of cases with a 95% confidence. These values
are not covered by the product warranty.
– Typical values are designated with the abbreviation “typ.” These are performance
beyond specification that 80% of the units exhibit with a 95% confidence. These
values are not covered by the product warranty.
– Nominal values are designated with the abbreviation “nom.” These values indicate
expected performance, or describe product performance that is useful in the
application of the product, but is not covered by the product warranty.
Note: Data subject to change
For a complete list of specifications refer to the appropriate specifications guide.
Benchtop:
PXA: www.keysight.com/find/pxa_specifications
MXA: www.keysight.com/find/mxa_specifications
EXA: www.keysight.com/find/exa_specifications
CXA: www.keysight.com/find/cxa_specifications
PXIe:
VXT: www.keysight.com/find/vxt
CXA-m: www.keysight.com/find/cxa-m
Supported devices and standard version
Device type
Bluetooth devices
Standard version
Bluetooth radio frequency system specification 1.2/2.0/2.0+EDR/2.1/2.1+EDR revision 2.1.E.0
– basic rate
– enhanced data rate
Bluetooth Low Energy RF PHY test specification (LE RF-PHY.TS/4.0/4.2)
Power classes
Class 1, class 2 and class 3
Radio band
Bluetooth basic rate and EDR system:
2.400 to 2.4835 GHz ( f = 2402 +k MHz, k = 0, …,78)
Bluetooth low energy system:
2.400 to 2.4835 GHz ( f = 2402 +kx2 MHz, k = 0, …,39)


Similar Part No. - N9081A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N9081C KEYSIGHT-N9081C Datasheet
2Mb / 12P
   X-Series Measurement Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com