Electronic Components Datasheet Search |
|
BU4848FVE-TR Datasheet(PDF) 1 Page - Rohm |
|
BU4848FVE-TR Datasheet(HTML) 1 Page - Rohm |
1 / 19 page ○Product structure:Silicon monolithic integrated circuit ○This product is not designed for protection against radioactive rays . 1/15 TSZ02201-0R7R0G300060-1-2 © 2015 ROHM Co., Ltd. All rights reserved. 02.Nov.2015 Rev.012 TSZ22111・14・001 www.rohm.com Voltage Detector IC Series Low Voltage Standard CMOS Voltage Detector ICs BU48xx series BU49xx series ●General Description ROHM standard CMOS reset IC series is a high-accuracy, low current consumption reset IC series. The lineup was established with two output types (Nch open drain and CMOS output) and detection voltage range from 0.9V to 4.8V in increments of 0.1V, so that the series may be selected according to the application at hand. ●Features Ultra-low current consumption High accuracy detection, Ultra-low voltage detection Two output types (Nch open drain and CMOS output) Wide operating temperature range Very small and low height package Package SSOP5 and SOP4 is similar to SOT-23-5 and SC-82 respectively (JEDEC) ●Key Specifications Detection voltage: 0.9V to 4.8V 0.1V steps High accuracy detection voltage: ±1.0% Ultra-low current consumption: 0.55µA (Typ.) Operating temperature range: -40°C to +125°C ●Package SSOP5 2.90mm x 2.80mm x 1.25mm SOP4 2.00mm x 2.10mm x 0.95mm VSOF5 1.60mm x 1.60mm x 0.60mm ●Applications All electronic devices that use micro controllers and logic circuits ●Typical Application Circuit (Open Drain Output type) BU48xx series (CMOS Output type) BU49xx series VDD1 BU48xx VDD2 GND CL (Capacitor for noise filtering) RL CIN RST Micro controller VDD1 BU49xx CIN GND CL (Capacitor for noise filtering) RST Micro controller Datasheet |
Similar Part No. - BU4848FVE-TR |
|
Similar Description - BU4848FVE-TR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |