Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N9069C Datasheet(PDF) 9 Page - Keysight Technologies

Part # N9069C
Description  Noise Figure
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N9069C Datasheet(HTML) 9 Page - Keysight Technologies

Back Button N9069C Datasheet HTML 5Page - Keysight Technologies N9069C Datasheet HTML 6Page - Keysight Technologies N9069C Datasheet HTML 7Page - Keysight Technologies N9069C Datasheet HTML 8Page - Keysight Technologies N9069C Datasheet HTML 9Page - Keysight Technologies N9069C Datasheet HTML 10Page - Keysight Technologies N9069C Datasheet HTML 11Page - Keysight Technologies N9069C Datasheet HTML 12Page - Keysight Technologies N9069C Datasheet HTML 13Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
09 | Keysight | N9069C Noise Figure X-Series Measurement App, Multi-Touch - Technical Overview
Frequency
PXA
full range
PXA + U7227C full
range
VSWR1
Frequency
10 to 100 MHz
1.45
0.1 to 3.6 GHz
1.45
1.43
3.5 to 4 GHz
1.54
1.43
4 to 8.4 GHz
1.54
2.32
8.3 to 13.6 GHz
1.57
2.32
13.5 to 17.1 GHz
1.48
2.32
17.0 to 26.5 GHz
1.54
2.32
Internal
preamp on
Internal preamp
off + U7227C
Internal preamp
on + U7227C
Supplemental
information
Noise figure2, 3
10 to 100 MHz
12.25
0.1 to 2.1 GHz
12.25
9.88
6.36
2.1 to 3.6 GHz
14.25
11.60
6.52
3.5 to 4 GHz
14.25
13.88
6.51
4 to 6 GHz
14.25
13.28
6.56
6 to 8.4 GHz
14.25
12.61
4.61
8.3 to 13.6 GHz
15.25
10.66
4.57
13.5 to 16.9 GHz
17.25
13.30
4.74
16.9 to 18 GHz
19.25
15.77
5.06
18 to 20 GHz
19.25
15.37
5.77
20 to 26.5 GHz
23.25
18.46
6.25
Noise source ENR
Measurement range
4 to 6.5 dB
0 to 20 dB
± 0.02 dB
± 0.02 dB
± 0.02 dB
Using internal preamp and RBW ≤ 4 MHz
12 to 17 dB
0 to 30 dB
± 0.03 dB
± 0.03 dB
± 0.03 dB
20 to 22 dB
0 to 35 dB
± 0.03 dB
± 0.03 dB
± 0.03 dB
Jitter
± 0.15 dB
± 0.15 dB
± 0.15 dB
Instrument uncertainty for gain4, 5
10 MHz to 3.6 GHz
± 0.13 dB
± 0.13 dB
± 0.13 dB
DUT gain range = −20 to +40 dB
> 3.6 GHz
± 0.13 dB
± 0.13 dB
± 0.13 dB
Instrument uncertainty for noise figure, 10 MHz to 26.5 GHz6
PXA with U7227C preamplifier


Similar Part No. - N9069C

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N9069A KEYSIGHT-N9069A Datasheet
681Kb / 21P
   Noise Figure X-Series
More results

Similar Description - N9069C

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BFS540 ISC-BFS540 Datasheet
253Kb / 7P
   Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
MGA-622P8 AVAGO-MGA-622P8 Datasheet
2Mb / 18P
   Low noise figure
logo
RFHIC
ACQ624 RFHIC-ACQ624 Datasheet
1Mb / 6P
   Low Noise Figure
logo
Inchange Semiconductor ...
2SC5463 ISC-2SC5463 Datasheet
144Kb / 3P
   Low Noise Figure
BFR35AP ISC-BFR35AP Datasheet
104Kb / 2P
   Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1522 AVAGO-ALM-1522 Datasheet
1Mb / 12P
   Low noise figure
logo
Inchange Semiconductor ...
BFG193 ISC-BFG193 Datasheet
185Kb / 5P
   Low Noise Figure
BFR106 ISC-BFR106 Datasheet
189Kb / 5P
   Low Noise Figure
BF775 ISC-BF775 Datasheet
104Kb / 2P
   Low Noise Figure
logo
M/A-COM Technology Solu...
MAAM-010239 MA-COM-MAAM-010239 Datasheet
900Kb / 5P
   Low Noise Figure
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com