Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N9069C Datasheet(PDF) 5 Page - Keysight Technologies

Part # N9069C
Description  Noise Figure
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N9069C Datasheet(HTML) 5 Page - Keysight Technologies

  N9069C Datasheet HTML 1Page - Keysight Technologies N9069C Datasheet HTML 2Page - Keysight Technologies N9069C Datasheet HTML 3Page - Keysight Technologies N9069C Datasheet HTML 4Page - Keysight Technologies N9069C Datasheet HTML 5Page - Keysight Technologies N9069C Datasheet HTML 6Page - Keysight Technologies N9069C Datasheet HTML 7Page - Keysight Technologies N9069C Datasheet HTML 8Page - Keysight Technologies N9069C Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
05 | Keysight | N9069C Noise Figure X-Series Measurement App, Multi-Touch - Technical Overview
Key Specifications
Definitions
– Specifications describe the performance of parameters covered by the product war-
ranty.
– 95th percentile values indicate the breadth of the population (≈2) of performance
tolerances expected to be met in 95% of cases with a 95% confidence. These values
are not covered by the product warranty.
– Typical values are designated with the abbreviation "typ." These are performance
beyond specification that 80% of the units exhibit with a 95% confidence. These
values are not covered by the product warranty.
– Nominal values are designated with the abbreviation "nom." These values indicate
expected performance, or describe product performance that is useful in the ap-
plication of the product, but is not covered by the product warranty.
Analyzer noise figure is computed from the specified DANL. See specifications on follow-
ing pages for further explanation.
Noise figure for the combination of USB preamp and analyzer is
NF
sys = 10 * Log (Fpreamp + (Fanalyzer - 1)/Gpreamp)
The noise figure and gain of the preamp are specified and warranted.
Analyzer VSWR is characterized to the 95th percentile but not measured and warranted.
USB preamp VSWR is measured and warranted and becomes the input VSWR of the
measurement system when used.
Instrument uncertainty is defined for gain measurements as uncertainty due to relative
amplitude uncertainties encountered in the analyzer when making the measurements
required for the gain computation.
The noise figure measurement application is not specified for use below 10 MHz. Instru-
ment uncertainty will nominally be the same as the 10 MHz to 3.6 GHz specifications;
however, performance is not warranted. Instrument uncertainty for gain is characterized
to the 95th percentile above 3.6 GHz.
These notes apply to the following specifications. For more information on configuring an
X-Series signal analyzer for noise figure measurements, depending on the DUT noise fig-
ure and gain, see the Noise Figure Measurement Guide, literature number N9069-90001.


Similar Part No. - N9069C

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N9069A KEYSIGHT-N9069A Datasheet
681Kb / 21P
   Noise Figure X-Series
More results

Similar Description - N9069C

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BFS540 ISC-BFS540 Datasheet
253Kb / 7P
   Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
MGA-622P8 AVAGO-MGA-622P8 Datasheet
2Mb / 18P
   Low noise figure
logo
RFHIC
ACQ624 RFHIC-ACQ624 Datasheet
1Mb / 6P
   Low Noise Figure
logo
Inchange Semiconductor ...
2SC5463 ISC-2SC5463 Datasheet
144Kb / 3P
   Low Noise Figure
BFR35AP ISC-BFR35AP Datasheet
104Kb / 2P
   Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1522 AVAGO-ALM-1522 Datasheet
1Mb / 12P
   Low noise figure
logo
Inchange Semiconductor ...
BFG193 ISC-BFG193 Datasheet
185Kb / 5P
   Low Noise Figure
BFR106 ISC-BFR106 Datasheet
189Kb / 5P
   Low Noise Figure
BF775 ISC-BF775 Datasheet
104Kb / 2P
   Low Noise Figure
logo
M/A-COM Technology Solu...
MAAM-010239 MA-COM-MAAM-010239 Datasheet
900Kb / 5P
   Low Noise Figure
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com