Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3850H12DRCT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3850H12DRCT
Description  Precision Voltage Supervisor with Programmable Window Watchdog Timer
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3850H12DRCT Datasheet(HTML) 5 Page - Texas Instruments

  TPS3850H12DRCT Datasheet HTML 1Page - Texas Instruments TPS3850H12DRCT Datasheet HTML 2Page - Texas Instruments TPS3850H12DRCT Datasheet HTML 3Page - Texas Instruments TPS3850H12DRCT Datasheet HTML 4Page - Texas Instruments TPS3850H12DRCT Datasheet HTML 5Page - Texas Instruments TPS3850H12DRCT Datasheet HTML 6Page - Texas Instruments TPS3850H12DRCT Datasheet HTML 7Page - Texas Instruments TPS3850H12DRCT Datasheet HTML 8Page - Texas Instruments TPS3850H12DRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
5
TPS3850
www.ti.com
SBVS301A – OCTOBER 2016 – REVISED NOVEMBER 2016
Product Folder Links: TPS3850
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
TPS3850
UNIT
DRC (VSON)
10 PINS
RθJA
Junction-to-ambient thermal resistance
50.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
50.6
°C/W
RθJB
Junction-to-board thermal resistance
25.4
°C/W
ψJT
Junction-to-top characterization parameter
1.2
°C/W
ψJB
Junction-to-board characterization parameter
25.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
7.3
°C/W
(1)
When VDD falls below VUVLO, RESET is driven low.
(2)
When VDD falls below VPOR, RESET and WDO are undefined.
(3)
During power-on, VDD must be a minimum 1.6 V for at least 300 µs before the output corresponds to the SENSE voltage.
6.5 Electrical Characteristics
at 1.6 V
≤ VDD ≤ 6.5 V over the operating temperature range of –40°C ≤ TJ ≤ +125°C (unless otherwise noted); the open-drain
pullup resistors are 10 kΩ for each output; typical values are at TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GENERAL CHARACTERISTICS
VDD
(1) (2) (3)
Supply voltage
1.6
6.5
V
IDD
Supply current
10
19
µA
RESET FUNCTION
VPOR
(2)
Power-on reset voltage
IRESET = 15 µA, VOL(MAX) = 0.25 V
0.8
V
VUVLO
(1)
Undervoltage lockout voltage
1.35
V
VIT+(OV)
Overvoltage SENSE threshold accuracy,
entering RESET
VIT+(nom)–0.8%
VIT+(nom)+0.8%
VIT-(UV)
Undervoltage SENSE threshold accuracy,
entering RESET
VIT-(nom)–0.8%
VIT-(nom)+0.8%
VIT(ADJ)
Falling SENSE threshold voltage,
adjustable version only
0.3968
0.4
0.4032
V
VHYST
Hysteresis voltage
0.2%
0.5%
0.8%
ICRST
CRST pin charge current
CRST = 0.5 V
337
375
413
nA
VCRST
CRST pin threshold voltage
1.192
1.21
1.228
V
WINDOW WATCHDOG FUNCTION
ICWD
CWD pin charge current
CWD = 0.5 V
337
375
413
nA
VCWD
CWD pin threshold voltage
1.192
1.21
1.228
V
VOL
RESET, WDO output low
VDD = 5 V, ISINK = 3 mA
0.4
V
ID
RESET, WDO output leakage current
VDD = 1.6 V, VRESET, = VWDO = 6.5 V
1
µA
VIL
Low-level input voltage (SET0, SET1)
0.25
V
VIH
High-level input voltage (SET0, SET1)
0.8
V
VIL(WDI)
Low-level input voltage (WDI)
0.3 × VDD
V
VIH(WDI)
High-level input voltage (WDI)
0.8 × VDD
V
ISENSE
SENSE pin idle current
TPS3850Xyy(y), VSENSE = 5.0 V,
VDD = 3.3 V
2.1
2.5
µA
TPS3850H01 only, VSENSE = 5.0 V,
VDD = 3.3 V
–50
50
nA


Similar Part No. - TPS3850H12DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3850H12DRCT TI1-TPS3850H12DRCT Datasheet
849Kb / 35P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
More results

Similar Description - TPS3850H12DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3852 TI1-TPS3852 Datasheet
1Mb / 30P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850-Q1 TI1-TPS3850-Q1 Datasheet
814Kb / 39P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3850 TI1-TPS3850 Datasheet
849Kb / 35P
[Old version datasheet]   Precision Voltage Supervisor with Programmable Window Watchdog Timer
TPS3851 TI1-TPS3851 Datasheet
1Mb / 31P
[Old version datasheet]   Precision Voltage Supervisor with Integrated Watchdog Timer
TPS36-Q1 TI-TPS36-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
NOVEMBER 2022
TPS36-Q1 TI1-TPS36-Q1_V03 Datasheet
1Mb / 39P
[Old version datasheet]   TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
REVISED APRIL 2023
TPS36-Q1 TI-TPS36-Q1_V02 Datasheet
1Mb / 39P
[Old version datasheet]   TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
REVISED APRIL 2023
TPS36-Q1 TI-TPS36-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   TPS36-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Window Watchdog Timer
REVISED APRIL 2023
TPS3430 TI1-TPS3430 Datasheet
2Mb / 26P
[Old version datasheet]   Window Watchdog Timer with Programmable Reset Delay
TPS35 TI-TPS35 Datasheet
1Mb / 46P
[Old version datasheet]   TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
JUNE 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com