Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N7620B Datasheet(PDF) 9 Page - Keysight Technologies

Part # N7620B
Description  Signal Studio for Pulse Building
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N7620B Datasheet(HTML) 9 Page - Keysight Technologies

Back Button N7620B Datasheet HTML 5Page - Keysight Technologies N7620B Datasheet HTML 6Page - Keysight Technologies N7620B Datasheet HTML 7Page - Keysight Technologies N7620B Datasheet HTML 8Page - Keysight Technologies N7620B Datasheet HTML 9Page - Keysight Technologies N7620B Datasheet HTML 10Page - Keysight Technologies N7620B Datasheet HTML 11Page - Keysight Technologies N7620B Datasheet HTML 12Page - Keysight Technologies N7620B Datasheet HTML 13Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
Pulse building
Component and
transmitter test
Receiver testing
Comments
Basic
features
Advanced
features
Basic
features
Advanced
features
Pulse parameters
Rise time
Fall time
Edge shape
Jitter
Gaussian, uniform, or U-shaped jitter specified by
jitter deviation
Pulse width pattern
Linear ramp, stepped, or staggered specified by
timing parameters and number of pulses
Modulation-on-pulse
Modulation-on-pulse
AM step
Selectable amplitude offset and step size
Barker
Seven different Barker codes (2, 3, 4, 5, 7, 11, 13)
BPSK
Alternating one-zero (0° and 180°) bit pattern with
user-defined step size
Custom BPSK
User-defined bit pattern (0° and 180°)
FM chirp
User-defined FM chirp deviation and offset up to
± 1 GHz 1
Custom (nonlinear) FM chirp
Polynomial coefficient representation of the
instantaneous frequency versus time
QPSK
User-defined step size with symbols at 45°, 135°,
225°, 315°
Custom QPSK
User-defined bit pattern with phase shift in any
quadrant
Polyphase codes
Frank, P1, P2, P3, P4, custom
Pattern parameters
Number of pulse repetitions
Pulse repetition interval
Repetition interval jitter
PRI patterns
Bursted, linear ramp, staggered, stepped
PRI jitter
Gaussian, uniform, or U-shaped jitter specified by
jitter deviation
PRI wobbulation
Sawtooth, sinusoidal, triangular
Amplitude scaling
Frequency offset
Phase offset
Additional off time
Antenna Scan Parameters
Windowing functions
Rectangular, cosine, Blackman, exact Blackman,
Hamming,
3 term, user defined
Antenna scan type
Circular, conical, custom, bidirectional raster,
unidirectional raster, bidirectional sector,
unidirectional sector
1. With M8190A arbitrary waveform generator and E8267D PSG vector signal generator.
Features Summary


Similar Part No. - N7620B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N7621B KEYSIGHT-N7621B Datasheet
2Mb / 12P
   Signal Studio for Multitone Distortion
N7622B KEYSIGHT-N7622B Datasheet
1Mb / 7P
   N7622B Signal Studio for Toolkit
N7623B KEYSIGHT-N7623B Datasheet
1Mb / 12P
   Signal Studio for Digital Video
N7624B KEYSIGHT-N7624B Datasheet
2Mb / 13P
   Signal Studio for LTE/LTE-Advanced FDD/TDD
N7625B KEYSIGHT-N7625B Datasheet
2Mb / 13P
   N7624B/N7625B
More results

Similar Description - N7620B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N7606B KEYSIGHT-N7606B Datasheet
2Mb / 10P
   Signal Studio for Bluetooth짰
N7660B KEYSIGHT-N7660B Datasheet
1Mb / 8P
   Signal Studio for Multi-Emitter
N7615B KEYSIGHT-N7615B Datasheet
1Mb / 10P
   Signal Studio for Mobile WiMAX?
N7608B KEYSIGHT-N7608B Datasheet
1Mb / 8P
   Signal Studio for Custom Modulation
N7611B KEYSIGHT-N7611B Datasheet
1Mb / 9P
   Signal Studio for Broadcast Radio
N7621B KEYSIGHT-N7621B Datasheet
2Mb / 12P
   Signal Studio for Multitone Distortion
N7622B KEYSIGHT-N7622B Datasheet
1Mb / 7P
   N7622B Signal Studio for Toolkit
N7623B KEYSIGHT-N7623B Datasheet
1Mb / 12P
   Signal Studio for Digital Video
N7609B KEYSIGHT-N7609B Datasheet
1Mb / 13P
   Signal Studio for Global Navigation
N7612B KEYSIGHT-N7612B Datasheet
2Mb / 10P
   Signal Studio for TD-SCDMA/HSPA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com