Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N7617B Datasheet(PDF) 4 Page - Keysight Technologies

Part # N7617B
Description  Signal Studio for WLAN 802.11a/b/g/j/p/n/ac/ah/ax
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N7617B Datasheet(HTML) 4 Page - Keysight Technologies

  N7617B Datasheet HTML 1Page - Keysight Technologies N7617B Datasheet HTML 2Page - Keysight Technologies N7617B Datasheet HTML 3Page - Keysight Technologies N7617B Datasheet HTML 4Page - Keysight Technologies N7617B Datasheet HTML 5Page - Keysight Technologies N7617B Datasheet HTML 6Page - Keysight Technologies N7617B Datasheet HTML 7Page - Keysight Technologies N7617B Datasheet HTML 8Page - Keysight Technologies N7617B Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
04 | Keysight | N7617B Signal Studio for WLAN 802.11a/b/g/j/p/n/ac/ah/ax - Technical Overview
Signal Studio’s advanced mode capabilities provide additional features to help you
create IEEE 802.11 WLAN standard-compliant signals for testing receiver designs in all
stages of development. Use the baseband signal to perform demodulation and decoding
verification on ASIC and DSP chips. To thoroughly test the demodulation capabilities
of a receiver, a fully-coded test signal is necessary. This level of coding enables you to
determine if each functional stage of a receiver is operating correctly and enables you to
use this test signal to perform PER measurements.
– Enable or disable channel coding, scrambling and interleaving
– Configure MAC header settings, MAC FCS, sequence control, data type, and data
length
– A multi-frame waveform with an incrementing Sequence Control field can be created
for PER testing
– For the 802.11n, 802.11ac and 802.11ah options, the software also supports
Aggregation MPDU mode and LDPC encoding
– Test MIMO receivers with up to 4 antennas for 802.11n and 802.11ah or up to 8
antennas for 802.11ac and 802.11ax (hardware dependent). Choose the number of
transmit chains and space-time streams, and select direct mapping or configure a
spatial expansion matrix. The effects of fading can also be incorporated into a longer
waveform file with MIMO channel modeling. Users can choose one of the 802.11n or
802.11ac channel models (A through F), or select a user-defined channel model. A
beamforming matrix can be added for 802.11ac.
– Support 802.11ax OFMDA testing with configuration of different number and
location of allocated Resource Units (RU) in the 20/40/80/80+80/160 MHz signal
bandwidths. For each RU, the user can further configure Single-User or Multi-User
MIMO and the spatial mapping will be applied at the RU level instead of the entire
signal bandwidth.
Receiver Test
Figure 2. Generate fully channel-coded signals to evaluate the PER of your receiver with Keysight X-Series signal
generators and Signal Studio’s advanced capabilities.


Similar Part No. - N7617B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N7610B KEYSIGHT-N7610B Datasheet
1Mb / 10P
   Signal Studio for Short Range Communications
N7611B KEYSIGHT-N7611B Datasheet
1Mb / 9P
   Signal Studio for Broadcast Radio
N7612B KEYSIGHT-N7612B Datasheet
2Mb / 10P
   Signal Studio for TD-SCDMA/HSPA
N7614B KEYSIGHT-N7614B Datasheet
3Mb / 18P
   N7614B Signal Studio for Power Amplifier
N7615B KEYSIGHT-N7615B Datasheet
1Mb / 10P
   Signal Studio for Mobile WiMAX?
More results

Similar Description - N7617B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N9077C KEYSIGHT-N9077C Datasheet
2Mb / 15P
   WLAN 802.11a/b/g/j/p/n/ac/af/ah
M9077A KEYSIGHT-M9077A Datasheet
2Mb / 13P
   M9077A WLAN 802.11a/b/g/n/ac
logo
ANADIGICS, Inc
AWL9966 ANADIGICS-AWL9966 Datasheet
579Kb / 18P
   802.11a/b/g/n WLAN/Bluetooth FEIC
logo
TriQuint Semiconductor
TQP6M9002 TRIQUINT-TQP6M9002_15 Datasheet
87Kb / 1P
   802.11a / b / g / n WLAN / BT Front-End Module
logo
Suntsu Electronics, Inc...
SATIA-104F7I-WFB3 SUNTSU-SATIA-104F7I-WFB3 Datasheet
702Kb / 4P
   Bluetooth & IEEE 802.11a/b/g/n/ac
logo
ANADIGICS, Inc
AWL6951 ANADIGICS-AWL6951 Datasheet
973Kb / 22P
   2.4/5 GHz 802.11a/b/g/n WLAN Power Amplifier
logo
Suntsu Electronics, Inc...
SATIA-144G14F-WFB3 SUNTSU-SATIA-144G14F-WFB3 Datasheet
584Kb / 4P
   Bluetooth & IEEE 802.11a/b/g/ac
SATIA-207B21I-WFB3 SUNTSU-SATIA-207B21I-WFB3 Datasheet
329Kb / 4P
   Bluetooth & IEEE 802.11a/b/g/ac
logo
ANADIGICS, Inc
AWL6950 ANADIGICS-AWL6950 Datasheet
344Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
logo
Suntsu Electronics, Inc...
SATIA-160H19A-WFB3 SUNTSU-SATIA-160H19A-WFB3 Datasheet
1Mb / 4P
   Bluetooth & IEEE 802.11a/b/g/ac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com